Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-3 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # LS-3
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-3 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button LS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 33Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
48
ø30 ø30 Series Selector Switches
Dimensions
Knob Operator
Lever Operator
Key Selector
40
23
54 (1 or 2
blocks)
77 (3 or 4 blocks)
6
22
22
M3.5 Terminal Screw
Panel Thickness
0.8 to 7.5
90°
45°
45°
All dimensions in mm.
M3.5 Terminal Screw
80 (3 or 4 blocks)
57 (1 or 2
blocks)
6
23
Panel Thickness
0.8 to 7.5  
38
16.5
40
45°
45°
Dimensions of key selector switches marked with "-T" in the Part No.
Contact Block Mounting Position and Contact Arrangement Chart
40
6
23
54 (1 or 2
blocks)
77 (3 or 4 blocks)
22
45°
45°
90°
M3.5 Terminal Screw
Panel Thickness
0.8 to 7.5
40
6
23
22
58 (1 or 2
blocks)
81 (3 or 4 blocks)
45°
45°
M3.5 Terminal Screw
Panel Thickness
0.8 to 7.5
Dimensions of knob operator marked with  or "-T" in the Part No.
M3.5 Terminal Screw
40
23
54 (1 or 2
blocks)
77 (3 or 4 blocks)
Panel Thickness
0.8 to 7.5
6
27
45°
45°
90
°
40
6
23
58 (1 or 2
blocks)
81 (3 or 4 blocks)
26.5
45°
45°
M3.5 Terminal Screw
Panel Thickness
0.8 to 7.5
Dimensions of lever operator marked with  or "-T" in the Part No.
L
C R
1
NO ●
2
NO
●
3
NC
4
NC
Center
Right
Left
Operator
position
1
2
3
4
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com