Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LS-3
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LS-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
22
ø30 ø30 Series Pushbuttons
Flush / Extended / Extended w/Half Shroud / Extended w/Full Shroud Pushbuttons
Package Quantity: 1
Shape
Operation
Contact
Part No.
➀ Button Color
Code
Dimensions (mm)
Flush
ABN1
Momentary
1NO
ABN110➀
Black (B), green
(G), and red (R)
buttons are sup-
plied with each
unit.
Specify S, W, or
Y when a blue,
white, or yellow
button is required.
M3.5 Terminal Screw
6
23
46 (1 or
2 blocks)
69 (3 or 4 blocks)
9
Panel Thickness 0.8 to 7.5
40
1NC
ABN101➀
1NO-1NC ABN111➀
2NO
ABN120➀
2NC
ABN102➀
2NO-2NC ABN122➀
Flush
AON1
Maintained
1NO
AON110➀
M3.5 Terminal Screw
6
23
9
Panel Thickness 0.8 to 7.5
40
68 (1 to 2 blocks)
91 (3 to 4 blocks)
1NC
AON101➀
1NO-1NC AON111➀
2NO
AON120➀
2NC
AON102➀
2NO-2NC AON122➀
Extended
ABN2
Momentary
1NO
ABN210➀
Specify a button
color code in place
of ➀ in the Part
No.
B: black
G: green
R: red
S: blue
W: white
Y: yellow
M3.5 Terminal Screw
6
23
46 (1 or
2 blocks)
69 (3 or 4 blocks)
9
Panel Thickness 0.8 to 7.5
40
15.5
1NC
ABN201➀
1NO-1NC ABN211➀
2NO
ABN220➀
2NC
ABN202➀
2NO-2NC ABN222➀
Extended
AON2
Maintained
1NO
AON210➀
M3.5 Terminal Screw
6
23
9
Panel Thickness 0.8 to 7.5
40
15.5
68 (1 to 2 blocks)
91 (3 to 4 blocks)
1NC
AON201➀
1NO-1NC AON211➀
2NO
AON220➀
2NC
AON202➀
2NO-2NC AON222➀
Extended with Half Shroud
ABN2G
Momentary
1NO
ABN2G10➀
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 4
20.5
42 (1 or
2 blocks)
65 (3 or 4 blocks)
1NC
ABN2G01➀
1NO-1NC ABN2G11➀
2NO
ABN2G20➀
2NC
ABN2G02➀
2NO-2NC ABN2G22➀
Extended with Half Shroud
AON2G
Maintained
1NO
AON2G10➀
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 4
20.5
64 (1 or 2 blocks)
87 (3 or 4 blocks)
1NC
AON2G01➀
1NO-1NC AON2G11➀
2NO
AON2G20➀
2NC
AON2G02➀
2NO-2NC AON2G22➀
Extended with Full Shroud
ABN2F
Momentary
1NO
ABN2F10➀
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 7.5
46 (1 or
2 blocks)
69 (3 or 4 blocks)
17
1NC
ABN2F01➀
1NO-1NC ABN2F11➀
2NO
ABN2F20➀
2NC
ABN2F02➀
2NO-2NC ABN2F22➀
Extended with Full Shroud
AON2F
Maintained
1NO
AON2F10➀
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 7.5
17
68 (1 or 2 blocks)
91 (3 or 4 blocks)
1NC
AON2F01➀
1NO-1NC AON2F11➀
2NO
AON2F20➀
2NC
AON2F02➀
2NO-2NC AON2F22➀
•Round bezel and shroud (metal): Chrome-plated
•Other contact arrangements and gold-plated silver contacts are also available. See page 20.
(nameplate
sold sepa-
rately)
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate
sold sepa-
rately)
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate sold
separately)
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com