Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALNE9G920 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ALNE9G920
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALNE9G920 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ALNE9G920 Datasheet HTML 1Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
17
ø30 Series Switches & Pilot Lights ø30
LED Illuminated Unit Specifications
Unit
Color Code ➁
Input
Operating Voltage
LED Lamp
Lamp Base
Part No.
Voltage
Pilot Light
Illuminated Pushbutton
Illuminated Selector Switch
A:
amber
G:
green
PW: pure white
R:
red
S:
blue
W:
white
Y:
yellow
Full Voltage
6V AC/DC
BA9S/13
LSTD-6➁
6V AC/DC ±10%
12V AC/DC
LSTD-1➁
12V AC/DC ±10%
24V AC/DC
LSTD-2➁
24V AC/DC ±10%
6V AC/DC
E12/15
LETD-6➁
6V AC/DC ±10%
12V AC/DC
LETD-8➁
12V AC/DC ±10%
24V AC/DC
LETD-2➁
24V AC/DC ±10%
Transformer
100/110V AC
120V AC
200/220V AC
240V AC
380V AC
400/440V AC
(50/60 Hz)
BA9S/13
LSTD-6➁
6V AC/DC ±10%
E12/15
LETD-6➁
DC-DC Converter
110V DC
BA9S/13
LSTD-6➁
6V AC/DC ±10%
E12/15
LETD-6➁
Note: A pure white LED lamp is used for yellow illumination.
Incandescent Illuminated Unit Specifications
Unit
Color Code ➁
Input
Operating Voltage
Incandescent Lamp
Lamp Base
Part No.
Rating
Pilot Light
Illuminated Pushbutton
Illuminated Selector Switch
A: amber
G: green
O: orange
R: red
S: blue
W: white
Full Voltage
6V AC/DC
BA9S/13
LS-6
1W (6.3V)
12V AC/DC
LS-8
1W (18V)
24V AC/DC
LS-3
1W (30V)
6V AC/DC
E12/15
LE-6
2W (6.3V)
12V AC/DC
LE-8
2W (18V)
24V AC/DC
LE-3
12W (30V)
Transformer
100/110V AC
120V AC
200/220V AC
240V AC
380V AC
400/440V AC
480V AC
(50/60 Hz)
BA9S/13
LS-6
1W (6.3V)
E12/15
LE-8
2W (18V)
LED Lamp Ratings (LSTD)
Part No.
LSTD-6➁
LSTD-1➁
LSTD-2➁
Lamp Base
BA9S/13
Rated Voltage
6V AC/DC
12V AC/DC
24V AC/DC
Voltage Range
6V AC/DC ±10%
12V AC/DC ±10%
24V AC/DC ±10%
Current
Draw
AC
8 mA
11 mA
11 mA
DC
A, R, W:
7 mA
G, PW, S: 5.5 mA
10 mA
10 mA
Color Code ➁
A (amber), G (green), PW (pure white), R (red), S (blue), W (white)
Lamp Base Color
Same as illumination color
Voltage Marking
Die stamped on the base
Life (reference value)
Approx. 50,000 hours
(The luminance is reduced to 50% the initial intensity when used on complete DC.)
Internal Circuit
LEDChip
Resistor
ZenerDiode
ProtectionDiode
X1
X2
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com