Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALNE9G920 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ALNE9G920
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALNE9G920 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ALNE9G920 Datasheet HTML 42Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 43Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 44Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 46Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 47Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 48Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 49Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
73
ø30 Series Accessories and Replacement Parts ø30
Maintenance Parts
Shape
Description
Mate-
rial
Part No.
Ordering No.
Package
Quantity
Color
Contact Block
(BS: Dark gray)
1NO contact
BS010E
BS010E
1
•Push rod color: Green
•-MAU has gold contacts
BS010E-MAU
BS010E-MAU
1NC contact
BS001E
BS001E
1
•Push rod color: Red
•-MAU has gold contacts
BS001E-MAU
BS001E-MAU
EM contact
(early make)
BS010SE
BS010SE
1
•Push rod color: Black
•-MAU has gold contacts
BS010SE-MAU BS010SE-MAU
LB contact
(late break)
BS001SE
BS001SE
1
•Push rod color: White
•-MAU has gold contacts
BS001SE-MAU BS001SE-MAU
Contact Block
(BST: Light gray)
1NO contact
BST010
BST010
1
•Push rod
color: Green
•-MAU has gold
contacts
Applicable Units:
•Pushlock Turn Reset
•Push Turn Lock
•LED Illuminated
Pushbutton
•LED Illuminated
Selector Switch
•Incandescent
Illuminated Selector
Switch
BST010-MAU
BST010-MAU
1NC contact
BST001
BST001
1
•Push rod
color: Red
BST001-MAU
BST001-MAU
EM contact
(early make)
BST010S
BST010S
1
•Push rod
color: Black
LB contact
(late break)
BST001S
BST001S
1
•Push rod
color: White
Lens
➊
Used for
APN(E)1
Plastic
APN106LN-➁
APN106LN-➁PN05
5
A (amber), C (clear), G (green),
R (red), S (blue), W (white), Y (yellow)
•Use the white (W) lens for pure white
illumination
➋
Used for
UPQNE4
U(O)LQN
∗B
UPQN406L-➁
UPQN406L-➁PN05
5
C (clear), G (green), R (red), S (blue)
•Use the clear (C) lens for white
illumination.
UPQN406LD-➁ UPQN406LD-➁PN05
A (amber), Y (yellow)
•Use the amber (A) lens for orange
illumination.
➌
Used for
UPQN3B
U(O)LQN
ULQN06L-➁
ULQN06L-➁PN05
5
C (clear), G (green), R (red), S (blue)
UPQN06LD-➁ UPQN06LD-➁PN05
A (amber), W (white), Y (yellow)
•Use the amber (A) lens for orange
illumination.
Lens
➊
Used for
ALN, AOLN
(LED)
Plastic
ALN2L-➁
ALN2L-➁PN05
5
G (green), R (red), S (blue)
ALN2LD-➁
ALN2LD-➁PN05
5
A (amber), W (white), Y (yellow)
•Use the white (W) lens for pure white
illumination
➋
Used for
ALN, AOLN
(incandescent)
(1W)
ALN06L-➁
ALN06L-➁PN05
5
C (clear), G (green), R (red), S (blue)
ALN06LD-➁
ALN06LD-➁PN05
5
A (amber), W (white)
•Use the amber (A) lens for orange
illumination.
➌
Used for
ALN, AOLN
(incandescent)
(2W)
ALN08L-➁
ALN08L-➁PN05
5
C (clear), G (green), R (red), S (blue)
ALN08LD-➁
ALN08LD-➁PN05
5
A (amber), W (white)
•Use the amber (A) lens for orange
illumination.
Button
Flush
Plastic
ABN1B-➀
ABN1B-➀PN05
5
G (green), R (red), Y (yellow)
Above colors are used for ø30
switches & pilot lights (dark colored
operator units).
For black, use black buttons from light
colored operator units.
Extended
ABN2B-➀
ABN2B-➀PN05
5
Mushroom
ABN3B-➀
ABN3B-➀PN02
2
Button
Flush
ABN1BN-➀
ABN1BN-➀PN05
5
B (black), G (green), R (red), S (blue),
Y (yellow), W (white)
Above colors are used for ø30 diecast
zinc switches & pilot lights (light
colored operator units).
Extended
ABN2BN-➀
ABN2BN-➀PN05
5
Mushroom
ABN3BN-➀
ABN3BN-➀PN02
2
Button
➊
Mushroom
(ABN4)
Plastic
ABN4B-➀
ABN4B-➀
1
B (black), G (green), R (red),
Y (yellow)
➋
Mushroom
(ABN4G/
ABN4F)
ABN4GB-➀
ABN4GB-➀
1
➌
Square Flush
(UBQN1)
UBQN1B-➀
UBQN1B-➀PN02
2
➍
Square
Extended
(UBQN2)
UBQN2B-➀
UBQN2B-➀PN02
2
Note: Specify a button color code or lens color code in place of ➀ or ➁ in the Ordering No.
➊
➋
➋
➌
➌
➊
➋
➌
➊
➋
➌
➍
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com