Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALNE9G920 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ALNE9G920
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALNE9G920 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ALNE9G920 Datasheet HTML 32Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 33Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 34Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 35Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 36Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 37Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALNE9G920 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
51
ø30 Series Selector Switches ø30
ASTNK Key Selector Switches
Package Quantity: 1
Shape
Contact Arrangement Chart
Contact
Code
(ASTN)
Contact Block
Operator Position
Maintained
Spring Return
from Right
—
—
Mounting
Position
Contact
L
R
L
R
L
R
—
—
11
(1NO-1NC)
1
NO
●
ASTN32K11
ASTN42K11
—
—
2
NC
●
22
(2NO-2NC)
1
NO
●
ASTN32K22
ASTN42K22
2
NO
●
3
NC
●
4
NC
●
Contact
Code
(ASTN)
Contact Block
Operator Position
Maintained
Spring Return
from Left
Spring Return
from Right
Spring Return
Two-way
Mounting
Position
Contact
L
C
R
C
L
R
C
L
R
C
L
R
C
L
R
20
(2NO)
1
NO
●
—
—
—
ASTN51K20
2
NO
●
22
(2NO-2NC)
1
NO
●
ASTN11K22
ASTN21K22
ASTN201K22
ASTN51K22
2
NO
●
3
NC
4
NC
22
(2NO-2NC)
1
NO
●
●
ASTN12K22
ASTN22K22
ASTN202K22
ASTN52K22
2
NO
●
3
NC
●
4
NC
40
(4NC)
1
NO
●
ASTN13K40
—
—
—
2
NO
●
3
NO
●
4
NO
●
22
(2NO-2NC)
1
NO
●
ASTN14K22
—
ASTN204K22
—
2
NC
3
NC
4
NO
●
20
(2NO)
1
NO
●
ASTN15K20
—
ASTN205K20
—
2
NO
●
40
(4NO)
1
NO
●
ASTN15K40
—
ASTN205K40
—
2
NO
●
3
NO
●
4
NO
●
11
(1NO-1NC)
1
NC
●
ASTN16K11
—
—
—
2
NO
●
22
(2NO-2NC)
1
NC
●
ASTN16K22
—
—
—
2
NO
●
3
NC
●
4
NO
●
11
(1NO-1NC)
1
NO
●
—
—
—
ASTN51K11
2
NC
Notes:
1.Theoperatorofthe2­wayspringreturnunitmayslightlydeviatefromthecenterposition.
2.Turntheoperatortoeachpositionaccurately.
80 (4 blocks)
57 (1 or 2
blocks)
6
23
38
16.5
40
M3.5 Terminal Screw
Panel Thickness
0.8 to 7.5
45°
45°
L
C R
1
NO ●
2
NO
●
3
NC
4
NC
Center
Right
Left
Operator
Position
1
2
3
4
Contact Block Mounting Position and
Contact Arrangement Chart
Dimensions
ASTNK
•Cylinder: Chrome-plated
•Round bezel (metal): Chrome-plated
•On the spring-returned, the keys can be released
only from the maintained position.
•On the maintained, the key can be released from
every position. Key retained positions are also
available. See page 21.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com