Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF511 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPF511
Description  200kbps Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF511 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPF511 Datasheet HTML 1Page - OPTEK Technologies OPF511 Datasheet HTML 2Page - OPTEK Technologies OPF511 Datasheet HTML 3Page - OPTEK Technologies OPF511 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•Interfaces with all logic circuits
•Two output options
•Optimized for fiber optic applications
using 50 to 200 micron fiber
•Data rate to 200kbps NRZ
•Available with multiple packaging
options
Description
The OPF500, OPF510 series receiver
contains a monolithic integrated circuit
which incorporates a photodiode, a linear
amplifier, a voltage regulator, and a
Schmitt trigger on a single silicon chip.
These receivers are designed for short
haul fiber optic systems using 850 nm
LED’s such as Optek’s OPF300 series.
These devices feature TTL\LSTTL
compatible logic level output. An internal
voltage regulator allows operation with
supply voltages ranging from 4.5V to
16V.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65
o C to +100o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
o C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mW
Duration of Output Short to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 sec.
Voltage at Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Sinking Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 mA
Schematics
Product Bulletin OPF500
February 1996
200kbps Fiber Optic Receiver
Type OPF500, OPF510 Series
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
VCC
OUT
GND
VCC
OUT
GND
Buffer/10K PU
Inverter/10K PU
8-92


Similar Part No. - OPF511

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF510 OPTEK-OPF510 Datasheet
222Kb / 5P
Fiber Optic Receiver
OPF512 OPTEK-OPF512 Datasheet
222Kb / 5P
Fiber Optic Receiver
More results

Similar Description - OPF511

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
Fiber Optic Receiver
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
Fiber Optic Receiver
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
Fiber Optic Receiver
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
Fiber-Optic Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com