Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF511 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPF511
Description  200kbps Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF511 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPF511 Datasheet HTML 1Page - OPTEK Technologies OPF511 Datasheet HTML 2Page - OPTEK Technologies OPF511 Datasheet HTML 3Page - OPTEK Technologies OPF511 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type OPF500, OPF510 Series
Typical Performance Curves
High Level Output Voltage vs
Ambient Temperature
TA - Ambient Temperature -
oC
High Level Output Current vs
Ambient Temperature
TA - Ambient Temperature -
oC
VCC = 16 V
VOH = 30 V
VOH
VCC = 16 V
IOH = 100
µA
IOH
Low Level Output Voltage vs
Ambient Temperature
TA - Ambient Temperature -
oC
VCC = 4.5 V
IOL = 16 mA
VOL
8-94
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com