Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF511 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF511
Description  200kbps Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF511 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF511 Datasheet HTML 1Page - OPTEK Technologies OPF511 Datasheet HTML 2Page - OPTEK Technologies OPF511 Datasheet HTML 3Page - OPTEK Technologies OPF511 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type OPF500, OPF510 Series
Electrical Characteristics (-40
o C to +85o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
VCC
Operating Supply Voltage
4.5
16.0
V
PIN
Input Sensitivity (OPF5X0,1,2)
1.0
1.5
µW
50% Duty Cycle Square Wave
PIN
Input Sensitivity (OPF5X5,6,7)
1.5
2.0
µW
50% Duty Cycle Square Wave
VOH
High Level Output Voltage
Buffer 10K Pull-up
VCC -1.5
V
PIN
> 2.0 µW, VCC = 4.5 V to 16 V
Inverter 10K Pull-up
VCC -1.5
V
PIN
< 0.1 µW, VCC = 4.5 V to 16 V
VOL
Low Level Output Voltage
Buffer, 10K Pull-up
Buffer Open-collector
0.4
V
PIN
< 0.1 µW, VCC = 4.5 V to 16 V
Inverter, 10K Pull-up
Inverter Open-collector
0.4
V
PIN
> 2.0 µW, VCC = 4.5 V to 16 V
ICC
Supply Current
5.0
12.0
mA
VCC = 4.5 V to 16 V, No load on output
BW
Bandwidth
200
kHz
PIN
> 2.0 µW, 50% Duty Cycle
PWD
Pulse With Distortion
10
%
1
µW < PIN < 100 µW,
f = 20 kHz, D.C. = 50%
tr
Buffer
300
ns
PIN = 1.5
µW, VCC = 5 V
tf
100
ns
tr
Inverter
100
ns
PIN
= 1.5 µW, VCC = 5 V
tf
300
ns
PART NUMBER GUIDE
OPF5XX
Optek Fiber Optic Component
Receiver
0 - Plastic TO-18 Hsg.
1 - Plastic TO-18 in SMA
2 - Plastic TO-18 in ST*
5 - Metal TO-46 Hsg.
6 - Metal TO-46 in SMA
7 - Metal TO-46 in ST
0 - 200kbps, 10K Pull-up buffer (non-inverting) output
1 - 200kbps, 10K Pull-up inverting output
*ST is a registered trade mark of AT&T.
8-93
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com