Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIXO7S0E Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SWIXO7S0E
Description  Direct TV Application
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIXO7S0E Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SWIXO7S0E Datasheet HTML 2Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 3Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 4Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 5Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 6Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 7Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 8Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 9Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
R0.00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIXO7S0E
– WICOP
6
Characteristic Diagram
Product Data Sheet
Fig 5. Forward Current vs. CIE X, Y Shift, T
a = 25℃
Fig 6. Color Coordinate vs. Ambient Temperature, I
F =100mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
Delta Cx
Delta Cy
Forward Current [A]
20
30
40
50
60
70
80
90
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
Cx
Cy
Ambient Temperature [oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com