Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIXO7S0E Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SWIXO7S0E
Description  Direct TV Application
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIXO7S0E Datasheet(HTML) 3 Page - Seoul Semiconductor

  SWIXO7S0E Datasheet HTML 1Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 2Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 3Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 4Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 5Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 6Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 7Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 8Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
R0.00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIXO7S0E
– WICOP
3
Performance Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage*1
V
F
I
F =70mA
19.3
20.7
22.1
V
Luminous Flux*2
Ф
V
I
F =50mA
105
114
120
lm
Viewing Angle*3
H axis-2
½
I
F =50mA
143
deg.
V axis-2
½
I
F =50mA
143
deg.
CIE x
C
x
I
F =50mA
0.3184
0.3328
0.3469
-
CIE y
C
y
I
F =50mA
0.2900
0.3097
0.3294
-
Thermal Resistance*4
R
th(j-b)
I
F =145mA
-
15
-
K/W
ESD Sensitivity
HBM
2
-
-
KV
Table 2. Electro Optical Characteristics (T
a = 25ºC)
Table 1. Absolute Maximum Ratings (T
a = 25ºC)
Notes :
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
3150
mW
DC Forward Current
I
F
145
mA
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
Junction Temperature
T
j max
125
ºC
(1) Care is to be taken that power dissipation does not exceed the absolute maximum rating of the
product.
(1) Forward voltage measurement allowance is ±0.1V
(2) The luminous Flux value is based on SSC Calibration.
Luminous Flux measurement allowance is ±4%.
(3) 2
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
(4) R
th can be different by Ts at the ambient temperature (PCB : SSC standard)
Notes :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com