Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIXO7S0E Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SWIXO7S0E
Description  Direct TV Application
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIXO7S0E Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SWIXO7S0E Datasheet HTML 6Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 7Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 8Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 9Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 10Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 11Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 12Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 13Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
R0.00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIXO7S0E
– WICOP
10
Color Bin Structure
Bin Code description
Part Number : SWIXO7S0E
Bin Code
Luminous Flux
CIE
Wp
Forward Voltage
A111
L5
B
Z58
Color Rank
@ I
F = 50mA
J5
K5
L5
M5
N5
Luminous Flux (lm)
@ I
F = 50mA
Bin
Code
Min.
Max.
A105
105
108
A108
108
111
A111
111
114
A114
114
117
A117
117
120
A120
120
123
A123
123
126
A126
126
129
Available Ranks
Forward Voltage[V]
@ I
F = 70mA
Bin
Code
Min.
Max.
W1
20.4
21.0
W2
21.0
21.4
W3
21.4
21.8
W4
21.8
22.1
Wp[nm]
@ I
F = 50mA
Bin
Code
Min.
Max.
Q
441
444
R
444
450
S
450
453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com