Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIFO111E Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SWIFO111E
Description  Direct TV Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIFO111E Datasheet(HTML) 1 Page - Seoul Semiconductor

  SWIFO111E Datasheet HTML 1Page - Seoul Semiconductor SWIFO111E Datasheet HTML 2Page - Seoul Semiconductor SWIFO111E Datasheet HTML 3Page - Seoul Semiconductor SWIFO111E Datasheet HTML 4Page - Seoul Semiconductor SWIFO111E Datasheet HTML 5Page - Seoul Semiconductor SWIFO111E Datasheet HTML 6Page - Seoul Semiconductor SWIFO111E Datasheet HTML 7Page - Seoul Semiconductor SWIFO111E Datasheet HTML 8Page - Seoul Semiconductor SWIFO111E Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SWIFO111E
– WICOP
Product Data Sheet
Product Brief
Description
Key Applications
R00 January 9, 2020
www.seoulsemicon.com
1
Features and Benefits
Direct TV Application
SWIFO111E
WICOP
•
This SMT LED comes in standard PKG
dimension.
•
This has a phosphor layer on surface of Blue
Chip without Lead Frame & Gold-wire.
•
Because of the good thermal character,
The SWIFO111E allow to perform with high
reliability.
•
White colored SMT package
•
Low Thermal Resistance
•
Own patent reserved
•
RoHS Complaint
•
Pb-free Reflow Soldering application
•
Suitable for all SMT assembly and
soldering methods (Must not be hand
soldering)
•
Flat Backlighting (LCD, Display)
•
MNT, TV etc.


Similar Part No. - SWIFO111E

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
SWIFT AMKOR-SWIFT Datasheet
1Mb / 2P
Silicon Wafer Integrated Fan-out Technology (SWIFT) is designed to provide increased I/O and circuit density in a reduced footprint and profile for single and multi-die applications.
9/18
More results

Similar Description - SWIFO111E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
Direct-Conversion TV Tuner
Rev 7; 1/09
logo
Seoul Semiconductor
SEIVB220E SEOUL-SEIVB220E Datasheet
1Mb / 25P
Edge TV Application
SEIRB220E SEOUL-SEIRB220E Datasheet
1Mb / 24P
Edge TV Application
SWJCR2S0E SEOUL-SWJCR2S0E Datasheet
1Mb / 22P
Direct TV Application
SWJCO110E SEOUL-SWJCO110E Datasheet
1Mb / 25P
Direct TV Application
SWIXO7S0E SEOUL-SWIXO7S0E Datasheet
1Mb / 22P
Direct TV Application
SWWVO112E SEOUL-SWWVO112E Datasheet
1Mb / 24P
Direct TV Application WICOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com