Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIFO111E Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWIFO111E
Description  Direct TV Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIFO111E Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWIFO111E Datasheet HTML 1Page - Seoul Semiconductor SWIFO111E Datasheet HTML 2Page - Seoul Semiconductor SWIFO111E Datasheet HTML 3Page - Seoul Semiconductor SWIFO111E Datasheet HTML 4Page - Seoul Semiconductor SWIFO111E Datasheet HTML 5Page - Seoul Semiconductor SWIFO111E Datasheet HTML 6Page - Seoul Semiconductor SWIFO111E Datasheet HTML 7Page - Seoul Semiconductor SWIFO111E Datasheet HTML 8Page - Seoul Semiconductor SWIFO111E Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
R00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIFO111E
– WICOP
4
Characteristic Diagram
Product Data Sheet
Fig 1. Color Spectrum, T
a = 25℃, IF = 350mA, RH30%
Fig 2. Radiant pattern, Ta = 25℃
350 400 450 500 550 600 650 700 750 800
0.0
0.2
0.4
0.6
0.8
1.0
Wave Length [nm]
-100 -80 -60 -40 -20
0
20
40
60
80 100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Radiation angle [deg.]
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com