Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIFO111E Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # SWIFO111E
Description  Direct TV Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIFO111E Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button SWIFO111E Datasheet HTML 14Page - Seoul Semiconductor SWIFO111E Datasheet HTML 15Page - Seoul Semiconductor SWIFO111E Datasheet HTML 16Page - Seoul Semiconductor SWIFO111E Datasheet HTML 17Page - Seoul Semiconductor SWIFO111E Datasheet HTML 18Page - Seoul Semiconductor SWIFO111E Datasheet HTML 19Page - Seoul Semiconductor SWIFO111E Datasheet HTML 20Page - Seoul Semiconductor SWIFO111E Datasheet HTML 21Page - Seoul Semiconductor SWIFO111E Datasheet HTML 22Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
R00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIFO111E
– WICOP
18
Printed Circuit Board Design Guideline
WICOP is recommended to be soldered onto a Metal Core PCB (MCPCB) for optimal performance and to
designed to minimize the overall thermal resistance between the LED and the heat sink.
Figure 3. PCB layout recommendations
X
O
(1) Silk Color :
The performance of an WICOP can be impacted by the color of the silk screen used on the PCB.
There can be an efficacy loss due to optical absorption by a black color. It is recommended to either use yellow
color for the silk screen or not to use any markings around a WICOP as shown in Figure 2.
(2) PCB Artwork :
The PCB design for the WICOP Series can impact the thermal performance of the end product.
Figure 3 shows two different artwork designs for the same circuit.
The red pattern indicate the copper traces. Wide copper traces should be used to allow a robust thermal path
for the anode and cathode pads.
<Note> Array Process Guideline (Solder Paste)
Seoul semiconductor recommends to use no-clean solder paste, SnAgCu (tin/silver/copper) of solder paste
compositions. (SAC 305 series)
Figure 2. WICOP Silk color Recommendations
X
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com