Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601AT000 Datasheet(PDF) 25 Page - Microchip Technology

Part # MPZ2012S601AT000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPZ2012S601AT000 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MPZ2012S601AT000 Datasheet HTML 21Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 22Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 23Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 24Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 25Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 26Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 27Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 28Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
FIGURE B-2:
EVB-KSZ9477 DDR2 SDRAM
DDR_A0
DDR_A1
DDR_A2
DDR_A3
DDR_A4
DDR_A5
DDR_A6
DDR_A7
DDR_A8
DDR_A9
DDR_A10
DDR_A11
DDR_A12
DDR_A13
DDR_A[0..13]
DDR_D[0..15]
DDR_D0
DDR_D1
DDR_D2
DDR_D3
DDR_D4
DDR_D5
DDR_D6
DDR_D7
DDR_D8
DDR_D9
DDR_D10
DDR_D11
DDR_D12
DDR_D13
DDR_D14
DDR_D15
DDR_D[16..31]
DDR_D16
DDR_D17
DDR_D18
DDR_D19
DDR_D20
DDR_D21
DDR_D22
DDR_D23
DDR_D24
DDR_D25
DDR_D26
DDR_D27
DDR_D28
DDR_D29
DDR_D30
DDR_D31
DDR_A0
DDR_A1
DDR_A2
DDR_A3
DDR_A4
DDR_A5
DDR_A6
DDR_A7
DDR_A8
DDR_A9
DDR_A10
DDR_A11
DDR_A12
DDR_A13
DDR_A[0..13]
DDR_A0
DDR_A1
DDR_A2
DDR_A3
DDR_A4
DDR_A5
DDR_A6
DDR_A7
DDR_A8
DDR_A9
DDR_A10
DDR_A11
DDR_A12
DDR_A13
DDR_A[0..13]
DDR_D0
DDR_D1
DDR_D2
DDR_D3
DDR_D4
DDR_D5
DDR_D6
DDR_D7
DDR_D8
DDR_D9
DDR_D10
DDR_D11
DDR_D12
DDR_D13
DDR_D14
DDR_D15
DDR_D[0..15]
DDR_D16
DDR_D17
DDR_D18
DDR_D19
DDR_D20
DDR_D21
DDR_D22
DDR_D23
DDR_D24
DDR_D25
DDR_D26
DDR_D27
DDR_D28
DDR_D29
DDR_D30
DDR_D31
DDR_D[16..31]
DDR_BA0
DDR_BA1
DDR_BA2
DDR_RAS
DDR_CAS
DDR_CKE
DDR_CLK_P
DDR_CLK_N
DDR_CS
DDR_WE
DDR_DQM0
DDR_DQM1
DDR_DQM2
DDR_DQM3
DDR_DQS0
DDR_DQS1
DDR_DQS2
DDR_DQS3
DDR_VREF
200R
1%
R45
0.1uF
C152
200R 1%
R43
VDDIODDR
DDR2 SDRAM
VDDIODDR
10uH
L6
0.1uF
C156
0.1uF
C153
1R
R41
1.5k 1%
R42
1.5k 1%
R44
DDR_VREF
DDR_BA0
DDR_BA1
DDR_BA2
DDR_CKE
DDR_CLK_P
DDR_CLK_N
DDR_CS
DDR_RAS
DDR_CAS
DDR_WE
DDR_DQS1
DDR_DQS0
DDR_DQM0
DDR_DQM1
DDR_DQM2
DDR_DQM3
DDR_DQS3
DDR_DQS2
4.7k
R37
4.7k
R39
DDR_BA0
DDR_BA1
DDR_BA2
DDR_CKE
DDR_CLK_P
DDR_CLK_N
DDR_CS
DDR_RAS
DDR_CAS
DDR_WE
4.7k
R38
4.7k
R40
0.1uF
C119
0.1uF
C121
0.1uF
C123
0.1uF
C125
0.1uF
C127
0.1uF
C129
0.1uF
C131
0.1uF
C133
0.1uF
C135
0.1uF
C137
0.1uF
C139
0.1uF
C141
0.1uF
C143
0.1uF
C145
0.1uF
C147
0.1uF
C149
0.1uF
C151
VDDIODDR
0.1uF
C118
0.1uF
C120
0.1uF
C122
0.1uF
C124
0.1uF
C126
0.1uF
C128
0.1uF
C130
0.1uF
C132
0.1uF
C134
0.1uF
C136
0.1uF
C138
0.1uF
C140
0.1uF
C142
0.1uF
C144
0.1uF
C146
0.1uF
C148
VDDIODDR
0.1uF
C150
4.7uF
C155
4.7uF
C154
Keep nets as short as possible. Therefore DDR2 devices have to be placed as close as possible to SAMA5D3.
The layout EBI DDR2 should use controlled impedance traces of Z0= 50ohm.
Address, control and data traces may not exceed 1.3 inches (33mm).
Address, control and data traces must be length matched to within 0.1 inch (2.54mm).
Address, control and data traces must match the data group trace lengths to within 0.25 inch (6.35mm).
DDR_CAS
A5
DDR_A13
A6
DDR_A11
A7
DDR_A7
A8
DDR_A2
A9
DDR_D30
A10
DDR_D27
A11
DDR_CLKN
A12
DDR_DQSN3
A13
DDR_D25
A14
DDR_D24
A15
DDR_DQSN2
A17
DDR_D19
A18
DDR_WE
B5
DDR_BA1
B6
DDR_CKE
B7
DDR_A9
B8
DDR_A4
B9
DDR_A0
B10
DDR_D28
B11
DDR_CLK
B12
DDR_DQS3
B13
DDR_D23
B14
DDR_DQM2
B15
DDR_D16
B16
DDR_DQS2
B17
DDR_D17
B18
DDR_CS
C8
DDR_A8
C10
DDR_A1
C11
DDR_CALN
C12
DDR_VREF
C13
DDR_BA0
E9
DDR_DQSN0
D18
DDR_D12
D17
DDR_D14
D16
DDR_D22
D15
DDR_DQM3
D12
DDR_A3
D11
DDR_A6
D10
DDR_A12
D9
DDR_D13
C18
DDR_D15
C17
DDR_D20
C16
DDR_D18
C15
DDR_D21
C14
DDR_A5
E10
DDR_D31
E11
DDR_D26
E12
DDR_CALP
E13
DDR_BA2
F9
DDR_A10
F11
DDR_D29
F12
DDR_D8
F16
DDR_D6
F17
DDR_DQSN1
F18
DDR_RAS
G11
DDR_DQM0
G12
DDR_D10
G14
DDR_D7
G15
DDR_D4
G16
DDR_D3
G17
DDR_DQS1
G18
DDR_D0
H12
DDR_D2
H13
DDR_D5
H15
DDR_D1
H17
DDR_DQM1
E15
DDR_D11
E16
DDR_D9
E17
DDR_DQS0
E18
ATSAMA5D36A_BGA324
U7F
A0
M8
A2
M7
A3
N2
A1
M3
A4
N8
A6
N7
A7
P2
A5
N3
A8
P8
A10
M2
A11
P7
A9
P3
A12
R2
BA0
L2
BA1
L3
A13
R8
CK
J8
CK
K8
ODT
K9
CS
L8
RAS
K7
WE
K3
CAS
L7
VDD
A1
VDD
J9
VDD
M9
VDD
E1
DQ8
C8
DQ10
D7
DQ9
C2
DQ4
H1
DQ6
F1
DQ7
F9
DQ5
H9
DQ0
G8
DQ2
H7
DQ3
H3
DQ1
G2
VDDQ
C7
VDDQ
G1
VDDQ
G3
VDDQ
C9
VDDL
J1
VDDQ
C1
VDDQ
C3
VDDQ
A9
UDQS
B7
LDQS
F7
LDQS
E8
UDQS
A8
UDM
B3
RFU1
A2
RFU2
E2
LDM
F3
RFU3
R3
RFU4
R7
BA2
L1
CKE
K2
DQ13
D9
DQ15
B9
DQ14
B1
DQ11
D3
DQ12
D1
VDD
R1
VDDQ
G9
VDDQ
E9
VDDQ
G7
VREF
J2
VSS
E3
VSS
J3
VSS
P9
VSS
A3
VSS
N1
VSSQ
E7
VSSQ
F2
VSSQ
H2
VSSQ
F8
VSSQ
B2
VSSQ
B8
VSSQ
D8
VSSQ
A7
VSSQ
D2
VSSDL
J7
VSSQ
H8
U8
MT47H64M16NF-25E
A0
M8
A2
M7
A3
N2
A1
M3
A4
N8
A6
N7
A7
P2
A5
N3
A8
P8
A10
M2
A11
P7
A9
P3
A12
R2
BA0
L2
BA1
L3
A13
R8
CK
J8
CK
K8
ODT
K9
CS
L8
RAS
K7
WE
K3
CAS
L7
VDD
A1
VDD
J9
VDD
M9
VDD
E1
DQ8
C8
DQ10
D7
DQ9
C2
DQ4
H1
DQ6
F1
DQ7
F9
DQ5
H9
DQ0
G8
DQ2
H7
DQ3
H3
DQ1
G2
VDDQ
C7
VDDQ
G1
VDDQ
G3
VDDQ
C9
VDDL
J1
VDDQ
C1
VDDQ
C3
VDDQ
A9
UDQS
B7
LDQS
F7
LDQS
E8
UDQS
A8
UDM
B3
RFU1
A2
RFU2
E2
LDM
F3
RFU3
R3
RFU4
R7
BA2
L1
CKE
K2
DQ13
D9
DQ15
B9
DQ14
B1
DQ11
D3
DQ12
D1
VDD
R1
VDDQ
G9
VDDQ
E9
VDDQ
G7
VREF
J2
VSS
E3
VSS
J3
VSS
P9
VSS
A3
VSS
N1
VSSQ
E7
VSSQ
F2
VSSQ
H2
VSSQ
F8
VSSQ
B2
VSSQ
B8
VSSQ
D8
VSSQ
A7
VSSQ
D2
VSSDL
J7
VSSQ
H8
U9
MT47H64M16NF-25E
DDR_VREF
DDR_VREF
1k
R147
1k
R146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com