Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601AT000 Datasheet(PDF) 27 Page - Microchip Technology

Part # MPZ2012S601AT000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPZ2012S601AT000 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MPZ2012S601AT000 Datasheet HTML 23Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 24Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 25Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 26Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 27Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 28Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 29Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 30Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
FIGURE B-4:
EVB-KSZ9477 SCHEMATIC - KSZ9477 RGMII TO SAMA5D3
LED4_1
5
LED4_0
5
LED3_1
5
LED3_0
5
LED5_0
5
LED5_1
5
LED2_1
5
LED2_0
5
LED1_1
5
LED1_0
5
25MHz
1
3
Y3
15pF
C167
15pF
C168
6.04k
1%
R108
Jitter Blocker
1
2
3
4
5
6
7
8
9
10
J18
1
4
2
3
SW3
2
4
VCC
GND
VCC
GND
D
C
D
U13
74LVC1G14GW,125
PB30_RXD
6
PB31_TXD
6
GTXD0
GTXD1
GTXD2
GTXD3
GRXD0
GRXD1
GRXD2
GRXD3
GTXCK
GTXCTL
GTXD0
GTXD1
GTXD2
GTXD3
GRXD0
GRXD1
GRXD2
GRXD3
GTXCK
GTXCTL
GRXCK
GRXCTL
G125REFCK
3V3
10k
R92
3V3
10k
R95
3V3
22R
R93
22R
R118
3V3
GPIO filtered
KSZ9477 Output Header
INTRP_N
VDDIOP
10k
R94
SPI / I2C
MOSI
MOSI
MISO
MISO
SP_CLK
SCLK
SCS
SCS
0R
R99
0R
R102
I2C_SDA
I2C_SCL
SCLK
SCLK
MOSI
0R
R105
0R
R106
SP_MOSI
SCS
3V3
SPI Activity LED
10k
R100
10k DNP
R104
3V3
SW_RESETN
S_TX7_N
5
S_TX7_P
5
S_RX7_N
5
S_RX7_P
5
GPIO
GPIO
GPIO
GPIO_FILT
GPIO_FILT
PME_N
INTRP_N
SYNCLKO
SYNCLKO
SYNCLKO
22R
R101
1
2
3
4
5
6
7
8
J19
Header 4x2
PC22_SPI1_MISO
8
PC23_SPI1_MOSI
8
PC24_SPI1_SPCK
8
PC25_SPI1_NPCS0
8
MOSI
MISO
SCLK
SCS
MCU SPI
LED2_0
LED4_0
LED1_0
LED1_1
LED2_1
LED4_1
LED5_1
2
3
16
4
5
1
6
15
14
13
12
11
7
10
8
9
SW2
SPST 8POS
3V3
GRXD0
4.7k
R109
KSZ9477 Strapping Options
LED1_0
LED1_1
LED2_0
LED2_1
LED4_0
LED4_1
LED5_1
0R
DNP
R96
SW_RESETN
3V3
ISET
XI
XO
1k
R107
750R
R110
750R
R111
750R
R112
750R
R113
750R
R114
750R
R115
750R
R116
Blue
D4
0.1uF
C166
200ms delay
P1_TXRXA_P
5
P1_TXRXA_N
5
P1_TXRXB_P
5
P1_TXRXB_N
5
P1_TXRXC_P
5
P1_TXRXC_N
5
P1_TXRXD_P
5
P1_TXRXD_N
5
P2_TXRXA_P
5
P2_TXRXA_N
5
P2_TXRXB_P
5
P2_TXRXB_N
5
P2_TXRXC_P
5
P2_TXRXC_N
5
P2_TXRXD_P
5
P2_TXRXD_N
5
P3_TXRXA_P
5
P3_TXRXA_N
5
P3_TXRXB_P
5
P3_TXRXB_N
5
P3_TXRXC_P
5
P3_TXRXC_N
5
P3_TXRXD_P
5
P3_TXRXD_N
5
P4_TXRXA_P
5
P4_TXRXA_N
5
P4_TXRXB_P
5
P4_TXRXB_N
5
P4_TXRXC_P
5
P4_TXRXC_N
5
P4_TXRXD_P
5
P4_TXRXD_N
5
P5_TXRXA_P
5
P5_TXRXA_N
5
P5_TXRXB_P
5
P5_TXRXB_N
5
P5_TXRXC_P
5
P5_TXRXC_N
5
P5_TXRXD_P
5
P5_TXRXD_N
5
1
2
J6
VDD
4
PDB/OE/CLK1
1
REFIN
3
GND
2
CLK0
6
CSEL/CLK2
5
PL902xxxUSY
U12
0R
R11
To replace xtal with DSC1101
oscillator, remove XO resistor
and change pin 4 resistor from
GND to 3V3.
0R DNP
R12
0R
R126
3V3
PB0_GTX0
T2
PB1_GTX1
N7
PB2_GTX2
T3
PB3_GTX3
N6
PB4_GRX0
P5
PB5_GRX1
T4
PB6_GRX2
R4
PB7_GRX3
U1
PB8_GTXCK
R5
PB9_GTXEN
P3
PB10_GTXER
R6
PB11_GRXCK
V3
PB12_GRXDV
P6
PB13_GRXER
V1
PB14_GCRS
R7
PB15_GCOL
U3
PB16_GMDC
P7
PB17_GMDIO
V2
PB18_G125CK
V5
PB19_GTX4
T6
PB20_GTX5
N8
PB21_GTX6
U4
PB22_GTX7
M7
PB23_GRX4
U5
PB24_GRX5
M8
PB25_GRX6
T5
PB26_GRX7
N9
PB27
V4
PB28
M9
PB29
P8
PB30
M10
PB31
R9
ATSAMA5D36A_BGA324
U7B
0.1uF
C170
0.1uF
C171
22R
R141
22R
R139
22R
R145
22R
R144
22R
R143
22R
R142
22R
R134
22R
R135
22R
R136
22R
R137
22R
R138
22R
R140
KSZ9477S Strap Options
Open
Closed
GRXD0
RGMII: 1000 Mb/s
RGMII: 100 Mb/s
LED2_0 1000B-T master
1000B-T slave
or 10/100 MDI
or 10/100 MDI-X
LED4_0 Enable AN
Disable AN
or 100B-TX
or 1000B-T
LED1_0 Quiet-WIRE off
Quiet-WIRE on
LED1_1 Flow control on
Flow control off
LED2_1 Normal link up
Fast link up
LED4_1 SPI
I2C
LED5_1 Start switch
Don't start switch
IBA
IBA off
IBA on
No option:
LED3_1
No option for MDC/MDIO
RXD6_[3:2] Port 6 fixed as RGMII
RXD6_1
Not relevant when port is RGMII
SYNCLKO
S_REFCLKP/M input clock not used
125MHz
VDD
6
GND
3
EN
1
OUT
4
NC
2
NC
5
OSC1
TXRX1P_A
1
TXRX1M_A
2
LED1_0
105
LED1_1
106
TXRX1P_B
4
TXRX1M_B
5
TXRX1P_C
6
TXRX1M_C
7
TXRX1P_D
8
TXRX1M_D
9
TXRX2P_A
12
TXRX2M_A
13
LED2_0
91
LED2_1
92
TXRX2P_B
15
TXRX2M_B
16
TXRX2P_C
17
TXRX2M_C
18
TXRX2P_D
20
TXRX2M_D
21
TXRX3P_A
24
TXRX3M_A
25
LED3_0
88
LED3_1
89
TXRX3P_B
26
TXRX3M_B
27
TXRX3P_C
28
TXRX3M_C
29
TXRX3P_D
31
TXRX3M_D
32
TXRX4P_A
34
TXRX4M_A
35
LED4_0
85
LED4_1
86
TXRX4P_B
37
TXRX4M_B
38
TXRX4P_C
39
TXRX4M_C
40
TXRX4P_D
42
TXRX4M_D
43
TXRX5P_A
112
TXRX5M_A
113
LED5_0
102
LED5_1
103
TXRX5P_B
115
TXRX5M_B
116
TXRX5P_C
117
TXRX5M_C
118
TXRX5P_D
120
TXRX5M_D
121
TX_CLK6/REFCLKI6
48
TX_EN6/TX_CTL6
49
RX_CLK6/REFCLKO6
57
RX_DV6/CRS_DV6/RX_CTL6
58
TX_ER6
50
COL6
51
TXD6_3
52
TXD6_2
53
TXD6_1
54
TXD6_0
55
RX_ER6
59
CRS6
60
RXD6_3
62
RXD6_2
63
RXD6_1
64
RXD6_0
65
IBA
67
S_REFCLKP
73
S_REFCLKM
74
S_REXT
76
S_TX7M
78
S_TX7P
79
S_RX7M
82
S_RX7P
81
PME_N
93
GPIO_1
90
INTRP_N
94
SYNCLKO
95
RESET_N
96
SDO
97
SDI/SDA/MDIO
98
SCS_N
100
SCL/MDC
101
X0
125
XI
126
ISET
127
KSZ9477S
U6A
KSZ9477 Reset
RGMII layout requirements
1. Match lengths within 50 to 100 mils.
2. RX signals do not need to be length matched to TX signals.
3. Due to RGMII timing error in port 6 of KSZ9477, plus
SAMA5D36 compliance to RGMII v1.3, GTXCK must be
routed for additional 2.0 ns delay relative to GTXD[3:0] and
GTXCTL.
4.7k
R103
GND
2
RESETn
1
WDI
4
RESET
3
VCC
6
MRn
5
MIC826TYMT
ePAD
7
U14
10k
R149
10k
R150
10k
R151
10k
R152
TP5
191R 1%
R98
PME_N
8
PME_N
GRXCTL
GRXCK
Aardvark
P6 100 Mbps
Fast Link Mode LED2_0
AN / FL Speed LED4_0
LED1_0
Flow Ctrl LED1_1
Fast Link En LED2_1
Serial IF LED4_1
Start Switch LED5_1
IBA Enable
1
2
3
4
5
6
7
8
J16
10k
R153
RST_PHY_N
8
MR_N
6
3V3
IBA_EN
IBA_EN
Install jumpers for CPU to control SPI.
Remove jumpers in 4x2 header when connecting
external SPI or I2C controller to the 5x2 header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com