Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601AT000 Datasheet(PDF) 17 Page - Microchip Technology

Part # MPZ2012S601AT000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPZ2012S601AT000 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MPZ2012S601AT000 Datasheet HTML 13Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 14Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 15Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 16Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 17Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 18Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 19Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 20Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Board Details & Configuration
 2017 Microchip Technology Inc.
DS50002594A-page 17
2.4.1
Switch Settings
SW2 is an eight-position switch which controls many of the KSZ9477 configuration
strap options. The KSZ9477 samples these signals at the rising edge of RESET_N to
determine some internal settings. Following reset, the configuration of these switches
is irrelevant. For initial bring-up, leave most switches in the OFF/OPEN position.
2.4.2
Jumper Settings
Table 2-1, Table 2-2 and Table 2-3 describe jumper settings. The preferred configura-
tion is shown in bold text.
TABLE 2-1:
TWO-PIN JUMPERS
Jumper
Label
Description
Open
Closed
J6
P6 100 Mbps KSZ9477 Port 6 configured for RGMII.
This interface is connected to the
SAMA5D36 MPU. KSZ9477 Port 6
RGMII speed configuration strap set-
ting. The setting of this jumper takes
effect only after reset. This setting must
match the speed of the SAMA5D36
RGMII interface.
1000 Mbps
100 Mbps
J15
Security
Enable
Enables security chip, ATECC508A to
be used with the SAMA5D36 MPU if a
user requires to do so.
Disabled
(Default)
Enabled
J13
NAND Enable Enables the NAND flash memory.
Disabled
(Default)
Enabled
TABLE 2-2:
THREE-PIN JUMPERS
Jumper
Label
Description
Jumper 1-2
Jumper 2-3
J7
5 VDC
Board power source: 5V barrel
connector or USB
Power from
barrel jack
USB pow-
ered. Not rec-
ommended
due to high
current
requirement.
TABLE 2-3:
MULTI-PIN HEADERS
Jumper
Label
Description
Configuration
J16
KSZ9477 Output
Header
KSZ9477 output probe
points, 4x2 header
Do not install jumpers.
Pin 1: GPIO
Pin 3: GPIO output filtered by
PL902 JitterBlocker.
Pin 5: PME_N output
Pin 7: SYNCLK - 25MHz or
125MHz output reference clock
J21
I/O Connector #2
I/O connector for the
MPU, 6X1 header
No jumpers.
J10
Serial Communica-
tion
Header used for the MPU
serial communication,
8x1 header
No jumpers. It is recommended
to use the TTL-232R-3V3 cable
from FTDI.
J18
SPI/I2C Aardvark
KSZ9477 SPI/I2C header
for external access 5x2
header
An Aardvark SPI/I2C adapter
can be attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com