Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4696 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4696 Datasheet HTML 9Page - Analog Devices AD4696 Datasheet HTML 10Page - Analog Devices AD4696 Datasheet HTML 11Page - Analog Devices AD4696 Datasheet HTML 12Page - Analog Devices AD4696 Datasheet HTML 13Page - Analog Devices AD4696 Datasheet HTML 14Page - Analog Devices AD4696 Datasheet HTML 15Page - Analog Devices AD4696 Datasheet HTML 16Page - Analog Devices AD4696 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Data Sheet
AD4695/AD4696
Rev. 0 | Page 13 of 96
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = LDO_IN = 5 V, VIO = 1.8 V, VREF = 5 V, fSCK = 50 MHz, unipolar mode, analog input high-Z mode enabled, reference input
high-Z mode enabled, internal LDO enabled, fS = 1 MSPS for the AD4696, fS = 500 kSPS for the AD4695, no active clamps, autocycle
mode disabled, OSR = 1, and TA = 25°C, unless otherwise specified.
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+125°C
+25°C
–40°C
Figure 3. INL vs. Code, VREF = 5 V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+125°C
+25°C
–40°C
Figure 4. INL vs. Code, VREF = 4.096 V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+125°C
+25°C
–40°C
Figure 5. INL vs. Code, VREF = 2.5 V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+125°C
+25°C
–40°C
Figure 6. DNL vs. Code, VREF = 5 V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+125°C
+25°C
–40°C
Figure 7. DNL vs. Code, VREF = 4.096 V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+125°C
+25°C
–40°C
Figure 8. DNL vs. Code, VREF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com