Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4696 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4696 Datasheet HTML 17Page - Analog Devices AD4696 Datasheet HTML 18Page - Analog Devices AD4696 Datasheet HTML 19Page - Analog Devices AD4696 Datasheet HTML 20Page - Analog Devices AD4696 Datasheet HTML 21Page - Analog Devices AD4696 Datasheet HTML 22Page - Analog Devices AD4696 Datasheet HTML 23Page - Analog Devices AD4696 Datasheet HTML 24Page - Analog Devices AD4696 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Data Sheet
AD4695/AD4696
Rev. 0 | Page 21 of 96
5.0
0
0
1000
SAMPLE RATE (kSPS)
100
200
300
400
500
600
700
800
900
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE DISABLED
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE ENABLED
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 51. VDD Current vs. Sample Rate, Internal LDO Disabled
1.71
VDD VOLTAGE (V)
6.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE DISABLED, 1MSPS
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE DISABLED, 500kSPS
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE ENABLED, 1MSPS
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE ENABLED, 500kSPS
1.89
1.73
1.75
1.77
1.79
1.81
1.83
1.85
1.87
Figure 52. VDD Current vs. VDD Voltage, Internal LDO Disabled
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
6.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE DISABLED, 1MSPS
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE DISABLED, 500kSPS
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE ENABLED, 1MSPS
ANALOG INPUT HIGH-Z MODE,
REFERENCE INPUT HIGH-Z MODE ENABLED, 500kSPS
Figure 53. VDD Current vs. Temperature, Internal LDO Disabled
300
0
50
100
150
200
250
0
1000
SAMPLE RATE (kSPS)
100
200
300
400
500
600
700
800
900
Figure 54. VIO Current vs. Sample Rate, Conversion Mode,
OSR = 1
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
300
100
1MSPS
500kSPS
120
140
160
180
200
220
240
260
280
Figure 55. VIO Current vs. Temperature, Conversion Mode,
OSR = 1
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
0
20
40
60
80
100
AVDD CURRENT
LDO_IN CURRENT (INTERNAL LDO ENABLED)
VDD CURRENT (INTERNAL LDO DISABLED)
VIO CURRENT
Figure 56. Standby Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com