Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4696 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4696 Datasheet HTML 12Page - Analog Devices AD4696 Datasheet HTML 13Page - Analog Devices AD4696 Datasheet HTML 14Page - Analog Devices AD4696 Datasheet HTML 15Page - Analog Devices AD4696 Datasheet HTML 16Page - Analog Devices AD4696 Datasheet HTML 17Page - Analog Devices AD4696 Datasheet HTML 18Page - Analog Devices AD4696 Datasheet HTML 19Page - Analog Devices AD4696 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
AD4695/AD4696
Data Sheet
Rev. 0 | Page 16 of 96
94
88
2.4
5.3
VREF (V)
89
90
91
92
93
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
15.3
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
SNR
SINAD
ENOB
Figure 21. SNR, SINAD, and Effective Number of Bits (ENOB) vs. VREF,
fIN = 1 kHz
94.0
92.4
–40
120
TEMPERATURE (°C)
92.6
92.8
93.0
93.2
93.4
93.6
93.8
–20
0
20
40
60
80
100
15.26
15.06
15.08
15.10
15.12
15.14
15.16
15.18
15.20
15.22
15.24
SNR
SINAD
ENOB
Figure 22. SNR, SINAD, and ENOB vs. Temperature, fIN = 1 kHz
93.35
92.90
0
15
NUMBER OF ACTIVE CLAMPS
92.95
93.00
93.05
93.10
93.15
93.20
93.25
93.30
1
2
3
4
5
6
7
8
9
10 11 12 13 14
SNR (dB)
SINAD (dB)
Figure 23. SNR, SINAD vs. Number of Active Clamps,
Reduced Current Mode Disabled
–113
–119
2.4
5.1
TEMPERATURE (°C)
THD
SFDR
–118
–117
–116
–115
–114
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
121
115
116
117
118
119
120
Figure 24. THD and SFDR vs. Temperature, fIN = 1 kHz
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
–104
–122
–120
–118
–116
–114
–112
–110
–108
–106
130
105
110
115
120
125
THD
SFDR
Figure 25. THD and SFDR vs. Temperature, fIN = 1 kHz
93.35
92.90
0
15
NUMBER OF ACTIVE CLAMPS
SNR (dB)
SINAD (dB)
92.95
93.00
93.05
93.10
93.15
93.20
93.25
93.30
1
2
3
4
5
6
7
8
9
10 11 12 13 14
Figure 26. SNR, SINAD vs. Number of Active Clamps,
Reduced Current Mode Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com