Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 41Page - Analog Devices AD9083EBZ Datasheet HTML 42Page - Analog Devices AD9083EBZ Datasheet HTML 43Page - Analog Devices AD9083EBZ Datasheet HTML 44Page - Analog Devices AD9083EBZ Datasheet HTML 45Page - Analog Devices AD9083EBZ Datasheet HTML 46Page - Analog Devices AD9083EBZ Datasheet HTML 47Page - Analog Devices AD9083EBZ Datasheet HTML 48Page - Analog Devices AD9083EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 45 of 93
DIGITAL OUTPUTS
The AD9083 digital outputs are designed to the JEDEC standard
JESD204B, serial interface for data converters. JESD204B is a
protocol to link the AD9083 to a digital processing device over
a serial interface with lane rates of up to 16 Gbps. The benefits
of the JESD204B interface over LVDS include a reduction in
required board area for data interface routing, and an ability to
enable smaller packages for converter and logic devices.
JESD204B OVERVIEW
The JESD204B data transmit block assembles the parallel data
from the ADC into frames and uses 8-bit/10-bit encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported through the use of special control
characters during the initial establishment of the link. Additional
control characters are embedded in the data stream to maintain
synchronization thereafter. A JESD204B receiver is required to
complete the serial link. For additional details on the JESD204B
interface, refer to the JESD204B standard.
The AD9083 JESD204B data transmit block maps up to sixteen
physical ADCs or up to 96 virtual converters (when all the
DDCs are enabled) over a link. A link can be configured to use
one, two, or four JESD204B lanes. The JESD204B specification
refers to a number of parameters to define the link, and these
parameters must match between the JESD204B transmitter (the
AD9083 output) and the JESD204B receiver (the logic device
input).
The JESD204B link is described according to the following
parameters:
•
L is the number of lanes per converter device (lanes per
link); (AD9083 value = 1, 2, 3, or 4)
•
M is the number of converters per converter device
(virtual converters per link) (AD9083 value = 16, 32, 96)
•
F is the octets/frame (AD9083 value = 2, 3, 4, 6, 8, 12, 16,
24, 32, 48, 64, 72 or 96)
•
N΄ is the number of bits per sample (JESD204B word size)
(AD9083 value = 12 or 16)
•
N is the converter resolution
•
CS is the number of control bits/sample
(AD9083 value = 0, 1, 2, or 3)
•
K is the number of frames per multiframe
(AD9083 value = 8, 16, or 32 )
•
S is the samples transmitted/single converter/frame cycle
(AD9083 value = set automatically based on L, M, F, and N΄)
•
HD is the high density mode (AD9083 = set automatically
based on L, M, F, and N΄)
•
CF is the number of control words/frame clock
cycle/converter device (AD9083 value = 0)
Figure 85 shows a simplified block diagram of the AD9083
JESD204B link. The AD9083 can be configured to use
sixteen converters and four lanes. Data from all sixteen
converters is output to SERDOUT0±, SERDOUT1±,
SERDOUT2± and SERDOUT3±. The AD9083 allows other
configurations, such as combining the outputs of all converters
onto a single lane. These modes are customizable, and can be
set up via the SPI.
In the AD9083, if N’ = 16, the N-bit converter word from each
converter is broken into two octets (eight bits of data). Bit N − 1
(MSB) through Bit N-8 are in the first octet. The second octet
contains Bit N − 9 through Bit 0 (LSB), CS control bits (the CS
parameter defines the number of control bits), and tail bits, if
necessary, are appended to the LSB’s to achieve N’ number of
bits in the JESD word. If tail bits are needed, they can be
configured as zeros or a pseudorandom number sequence.
Control bits can be used to indicate overrange, SYSREF±, or
fast detect output.
For modes where N’ = 12, each of the M/L samples on a lane
are concatenated starting with sample 0 on lane 0 to create the
F octets in each lane. If control bits are required, then N must
equal N’ – CS.
The resulting octets can be scrambled. Scrambling is optional;
however, it is recommended to avoid spectral peaks when
transmitting similar digital data patterns. The scrambler uses a
self-synchronizing, polynomial-based algorithm defined by the
equation 1 + x14 + x15. The descrambler in the receiver is a self-
synchronizing version of the scrambler polynomial.
The octets are then encoded with an 8-bit/10-bit encoder. The
8-bit/10-bit encoder works by taking eight bits of data (an
octet) and encoding them into a 10-bit symbol.
LANE MUX
AND
MAPPING
SERDOUT0±
SYSREF±
SYNCINB±
SERDOUT1±
SERDOUT2±
SERDOUT3±
JESD204B
LINK
CONTROL
DSP BLOCK/
FORMAT
ADC 1
ADC 15
INPUT 1
INPUT 15
Figure 85. Transmit Link Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com