Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083EBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 44Page - Analog Devices AD9083EBZ Datasheet HTML 45Page - Analog Devices AD9083EBZ Datasheet HTML 46Page - Analog Devices AD9083EBZ Datasheet HTML 47Page - Analog Devices AD9083EBZ Datasheet HTML 48Page - Analog Devices AD9083EBZ Datasheet HTML 49Page - Analog Devices AD9083EBZ Datasheet HTML 50Page - Analog Devices AD9083EBZ Datasheet HTML 51Page - Analog Devices AD9083EBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 48 of 93
SERDOUTx+
SERDOUTx–
RECEIVER
100Ω
DIFFERENTIAL
TRACE PAIR
OUTPUT SWING = 675mV p-p DIFFERENTIAL
ADJUSTABLE
0.1µF
DVDD
0.1µF
100Ω
Figure 88. AC-Coupled Digital Output Termination Example
PHYSICAL LAYER (DRIVER) OUTPUTS
Digital Outputs, Timing, and Controls
The AD9083 physical layer consists of drivers that are defined in
the JEDEC Standard JESD204B, July 2011. The differential digital
outputs are powered up by default. The drivers use a dynamic
100 Ω internal termination to reduce unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 0.85 × DVDD V p-p swing at the
receiver (see Figure 88). The swing is adjustable through the
SPI registers. AC coupling is recommended to connect to the
receiver. See the Memory Map section (Register 0x402 to
Register 0x409) for more details.
The AD9083 digital outputs can interface with custom ASICs
and field programmable gate array (FPGA) receivers, providing
superior switching performance in noisy environments. Single
point-to-point network topologies are recommended with a
single differential 100 Ω termination resistor placed as close to
the receiver inputs as possible.
If there is no far end receiver termination, or if there is poor
differential trace routing, timing errors can result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches, and that the differential output traces be
close together and at equal lengths.
The format of the output data is twos complement by default.
To change the output data format, see the Memory Map section
Register 0x18A (OUT_FORMAT_SEL ).
Deemphasis
Deemphasis enables the receiver eye diagram mask to be met in
conditions where the interconnect insertion loss does not meet
the JESD204B specification. Use the deemphasis feature only
when the receiver is unable to recover the clock due to excessive
insertion loss. Under normal conditions, it is disabled to conserve
power. Additionally, enabling and setting too high a deemphasis
value on a short link can cause the receiver eye diagram to fail.
Use the deemphasis setting with caution because it can increase
electromagnetic interference (EMI). See the Memory Map section
(Register 0x413 to Register 0x422 in Memory Map) for more
details.
JTX PLL
The JTX PLL generates the serializer clock (fLR), which operates
at the JESD204B lane rate. The status of the PLL lock can be
checked in the PLL_STATUS register (Register 0x301), Bit 7
(JTX_PLL_LOCKED). This read only bit lets the user know if
the PLL has achieved lock for the specific setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com