Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 19Page - Analog Devices AD9083EBZ Datasheet HTML 20Page - Analog Devices AD9083EBZ Datasheet HTML 21Page - Analog Devices AD9083EBZ Datasheet HTML 22Page - Analog Devices AD9083EBZ Datasheet HTML 23Page - Analog Devices AD9083EBZ Datasheet HTML 24Page - Analog Devices AD9083EBZ Datasheet HTML 25Page - Analog Devices AD9083EBZ Datasheet HTML 26Page - Analog Devices AD9083EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 23 of 93
IMD3 = 79dBFS
FREQUENCY (MHz)
87
89
91
93
95
97
99
101
103
105
107
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 40. Two-Tone FFT, Backoff = 6, fIN1 = 96.6 MHz, fIN2 = 99 MHz, AIN1 and
AIN2 = −8 dBFS, 2 GSPS
IMD3 = 92dBFS
FREQUENCY (MHz)
37
39
41
43
45
47
49
51
53
55
57
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 41. Two-Tone FFT, Backoff = 0, fIN1 = 45.4 MHz, fIN2 = 48 MHz, AIN1 and
AIN2 = −16 dBFS, 1 GSPS
IMD3 = 91.6dBFS
FREQUENCY (MHz)
37
39
41
43
45
47
49
51
53
55
57
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 42. Two-Tone FFT, Backoff = 3, fIN1 = 45.4 MHz, fIN2 = 48 MHz, AIN1 and
AIN2 = −16 dBFS, 1 GSPS
IMD3 = 87.5dBFS
FREQUENCY (MHz)
37
39
41
43
45
47
49
51
53
55
57
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 43. Two-Tone FFT, Backoff = 6, fIN1 = 45.4 MHz, fIN2 = 48 MHz, AIN1 and
AIN2 = −16 dBFS, 1 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com