Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB51CW24. Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DMB51CW24.
Description  Timers Multifunction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DMB51CW24. Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DMB51CW24. Datasheet HTML 1Page - Carlo Gavazzi Holding AG DMB51CW24. Datasheet HTML 2Page - Carlo Gavazzi Holding AG DMB51CW24. Datasheet HTML 3Page - Carlo Gavazzi Holding AG DMB51CW24. Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications are subject to change without notice (18.06.07)
1
Product Description
Ordering Key
Multifunction
Multi-voltage timer with 7
knob-selectable
functions
and 7 knob-selectable time
ranges within 0.1s and 100h.
For mounting on DIN-rail.
Housing 17.5 mm wide for
SPDT version and 35.5 mm
for DPDT version, suitable
both for back and front panel
mounting.
Wide power supply range:
24 VDC and 24 to 240 VAC
or 12 to 240 VAC/DC.
• Selectable time range 0.1 s to 100 h
• 7 knob selectable functions:
Op
-
delay on operate
In
-
interval
Io
-
interval on trigger open
Id
-
double interval
Dr
-
delay on release
R
-
symmetrical recycler ON first
Rb
-
symmetrical recycler OFF first
• Automatic or manual start
• Repeatability:
≤ 0.2%
• Output: 5 A SPDT or 5 A DPDT relays
• For mounting on DIN-rail in accordance with DIN/EN 50 022
• 17.5 mm (DMB51C) or 35.5 mm (DMB71D) DIN-rail
housing (DIN 43880)
• Combined AC and DC power supply
• LED indication for relay status and power supply ON
Output
SPDT or DPDT relay
Rated insulation voltage
250 VAC (rms)
Contact Ratings (AgSnO2)µ
DMB51 (SPDT):
Resistive loads
AC 1
5 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
DMB71 (DPDT)
Resistive loads
AC 1
5 A @ 250 VAC
Small inductive loads AC 15
3 A @ 250 VAC
DC 13
3 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 5 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand
voltage
2.5 kV (1.2/50 µs)
Output Specifications
Type Selection
DMB 51 C M24
Housing
Function
Type
Item number
Output
Power supply
Time Specifications
Time ranges
Knob selectable
0.1 to 1 s
1
to 10 s
6
to 60 s
60 to 600 s
0.1 to 1 h
1
to 10 h
10 to 100 h
Setting accuracy
≤ 5%
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%/V
Within ambient temperature
≤ 0.2%/°C
Reset
Manual reset of time and/or
Close the trigger contact
relay
between pins A1 and Y1
Pulse duration
≥ 100 ms
Power supply interruption
≥ 200 ms
Automatic start
Connect pins A1 and Y1
Types DMB51, DMB71
Timers
Mounting
Output
Housing
Supply:
Supply:
12 to 240 VAC/DC
24 VDC and 24 to 240 VAC
DIN-rail
SPDT
Mini-D
DMB 51 C W24
DMB 51 C M24
DIN-rail
DPDT
Mini-D
DMB 71 D W24
DMB 71 D M24
DMB51
DMB71


Similar Part No. - DMB51CW24.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMB530R L-COM-DMB530R Datasheet
50Kb / 1P
ADAPTOR, MINI-DIN-6F/DIN-5M
11/15/01
DMB536F L-COM-DMB536F Datasheet
51Kb / 1P
ADPT, GNDR CHGR MINI-DIN 6 F/F
06/25/2019
DMB538F L-COM-DMB538F Datasheet
46Kb / 1P
ADPT, GNDR CHGR MINI-DIN 8 F/F
1/2/02
logo
Diodes Incorporated
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31675 Rev. 5 - 2
DMB53D0UDW-7 DIODES-DMB53D0UDW-7 Datasheet
137Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31675 Rev. 5 - 2
More results

Similar Description - DMB51CW24.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Carlo Gavazzi Holding A...
DMC01 CARLOGAVAZZI-DMC01 Datasheet
241Kb / 6P
Timers Multifunction
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
FMB01 CARLOGAVAZZI-FMB01 Datasheet
184Kb / 4P
Timers Multifunction Type FMB01
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com