Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 36Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 37Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 38Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 39Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 40Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 41Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 42Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 43Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 170 page
background image
7.9.2 Power Sequencing
No special requirements are placed on the power up/down sequence of the various power pins to ensure the
correct reset state for all the modules. However, if the 3.3-V transistors in the level shifting output buffers of the
I/O pins are powered prior to the 1.1-V/1.2-V transistors, it is possible for the output buffers to turn on, causing a
glitch to occur on the pin during power up. To avoid this behavior, power the VDD pins prior to or simultaneously
with the VDDIO pins, ensuring that the VDD pins have reached 0.7-V before the VDDIO pins reach 0.7 V. The 1.8-V
rail for the PLL and oscillator logic can be powered up along with VDD/VDDIO rails. The 1.8-V rail must be
powered even if the PLL is not used. It should never be left unpowered. In any configuration, all the rails should
ramp up within tpup (5 ms, typical) to allow early stability of clocks and IOs.
There is a requirement on the XRS pin:
• During power up, the XRS pin must be held low for tw(RSL1) after the input clock is stable. This is to enable the
entire device to start from a known condition.
No voltage larger than a diode drop (0.7 V) above VDDIO should be applied to any digital pin before powering up
the device. Voltages applied to pins on an unpowered device can bias internal P-N junctions in unintended ways
and produce unpredictable results.
7.9.2.1 Power Management and Supervisory Circuit Solutions
LDO selection depends on the total power consumed in the end application. Go to the Power Management page
for a list of TI power management ICs. Click the Reference designs tab for specific power management
reference designs.
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com