Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 4Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 5Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 6Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 7Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 8Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 9Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 10Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 11Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 170 page
background image
6 Terminal Configuration and Functions
6.1 Pin Diagrams
The 179-ball ZHH ball grid array (BGA) terminal assignments are shown in Figure 6-1 through Figure 6-4. The
256-ball ZFE plastic BGA terminal assignments are shown in Figure 6-5 through Figure 6-8. Table 6-1 describes
the function(s) of each pin.
EXTSOC3B
GPIO19/
/
SCIRXDB/
CANTXA
SPISTEA
GPIO23/
EQEP1I/
MFSXA/
SCIRXDB
GPIO24/
ECAP1/
EQEP2A/
MDXB
EXTSOC1A
EXTSOC2A
EXTSOC1B
GPIO21/
EQEP1B/
MDRA/
CANRXB
GPIO20/
EQEP1A/
MDXA/
CANTXB
P
P
N
N
M
M
L
L
GPIO18/
SPICLKA/
SCITXDB/
CANRXA
TDI
GPIO16/
SPISIMOA/
CANTXB/
TZ5
GPIO12/
/
CANTXB/
MDXB
TZ1
EXTSOC3A
K
K
J
J
H
H
1
2
3
4
5
6
7
TDO
V
SS
1
2
3
4
5
6
7
EXTSOC2B
TRST
GPIO17/
SPISOMIA/
CANRXB/
TZ6
GPIO13/
/
CANRXB/
MDRB
TZ2
GPIO15/
/
/
SCIRXDB/
MFSXB
TZ4XHOLDA
GPIO25/
ECAP2/
EQEP2B/
MDRB
GPIO22/
EQEP1S/
MCLKXA/
SCITXDB
EXTADCCLK
V
DD
V
SS
V
SS
V
DDIO
V
DDIO
V
SS
GPIO11/
EPWM6B/
SCIRXDB/
ECAP4
V
DD
V
DD
V
DD
V
SS
V
DDIO
GPIO14/
/
/
SCITXDB/
MCLKXB
TZ3XHOLD
V
DD
V
DD
V
SS
V
DDIO
GPIO26/
ECAP3/
EQEP2I/
MCLKXB
GPIO27/
ECAP4/
EQEP2S/
MFSXB
GPIO33/
SCLA/
EPWMSYNCO/
ADCSOCBO
GPIO32/
SDAA/
EPWMSYNCI/
ADCSOCAO
Figure 6-1. C2834x 179-Ball ZHH MicroStar BGA Upper-Left Quadrant (Bottom VIew)
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com