Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 87Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 88Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 89Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 90Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 91Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 92Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 93Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 94Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 170 page
background image
8.1.19 Control Peripherals
The C2834x devices support the following peripherals which are used for embedded control and communication:
ePWM:
The enhanced PWM peripheral supports independent and complementary PWM generation, adjustable dead-
band generation for leading and trailing edges, latched and cycle-by-cycle trip mechanism. Some of the PWM
pins support HRPWM features.
eCAP:
The enhanced capture peripheral uses a 32-bit time base and registers up to four programmable events in
continuous/one-shot capture modes.
This peripheral can also be configured to generate an auxiliary PWM signal.
eQEP:
The enhanced QEP peripheral uses a 32-bit position counter, supports low-speed measurement using capture
unit and high-speed measurement using a 32-bit unit timer.
This peripheral has a watchdog timer to detect motor stall and input error detection logic to identify simultaneous
edge transition in QEP signals.
8.1.20 Serial Port Peripherals
The devices support the following serial communication peripherals:
eCAN:
This is the enhanced version of the CAN peripheral. It supports 32 mailboxes, time-stamping of messages, and is
compliant with ISO 11898-1 (CAN 2.0B).
McBSP:
The multichannel buffered serial port (McBSP) connects to E1/T1 lines, phone-quality codecs for modem
applications or high-quality stereo audio DAC devices. The McBSP receive and transmit registers are supported
by the DMA to significantly reduce the overhead for servicing this peripheral. Each McBSP module can be
configured as an SPI as required.
SPI:
The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream of programmed length (1 to
16 bits) to be shifted into and out of the device at a programmable bit-transfer rate. Normally, the SPI is used for
communications between the MCU and external peripherals or another processor. Typical applications include
external I/O or peripheral expansion through devices such as shift registers, display drivers, and ADCs.
Multidevice communications are supported by the master/slave operation of the SPI. The SPI contains a 16-level
receive and transmit FIFO for reducing interrupt servicing overhead.
SCI:
The serial communications interface is a 2-wire asynchronous serial port, commonly known as UART. The SCI
contains a 16-level receive and transmit FIFO for reducing interrupt servicing overhead.
I2C:
The inter-integrated circuit (I2C) module provides an interface between an MCU and other devices compliant with
Philips Semiconductors Inter-IC bus (I2C-bus) specification version 2.1 and connected by way of an I2C-bus.
External components attached to this 2-wire serial bus can transmit/receive up to 8-bit data to/from the MCU
through the I2C module. The I2C contains a 16-level receive and transmit FIFO for reducing interrupt servicing
overhead.
www.ti.com
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com