Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2632B Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 28Page - Monolithic Power Systems MP2632B Datasheet HTML 29Page - Monolithic Power Systems MP2632B Datasheet HTML 30Page - Monolithic Power Systems MP2632B Datasheet HTML 31Page - Monolithic Power Systems MP2632B Datasheet HTML 32Page - Monolithic Power Systems MP2632B Datasheet HTML 33Page - Monolithic Power Systems MP2632B Datasheet HTML 34Page - Monolithic Power Systems MP2632B Datasheet HTML 35Page - Monolithic Power Systems MP2632B Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
32
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
VDP_SRC
VLGC_HI
IDP_SRC
CHG_DET
VDAT_RE
F
IDM_SINK
DP1
DM1
RDM_DWN
Figure 11: USB Port Detection
The MP2632B starts DP1/DM1 detection when
the input source plugs in. DP1/DM1 detection
has two steps: data contact detection (DCD)
and primary detection.
DCD detection uses a current source to detect
when the data pins have made contact during
an attach event. The protocol for data contact
detection is as follows:
 The power device (PD) detects if V
IN
is
asserted.
 The PD turns on DP1 I
DP_SRC and the DM1
pull-down resistor for 40ms.
 The PD waits for DP1 to be low.
 The PD turns off I
DP_SRC and the DM1 pull-
down resistor when DP1 is detected to be
low or when the 40ms timer expires.
DCD allows the PD to begin primary detection
once the data pins have made contact. Once
the data contact is detected, the MP2632B
jumps to the primary detection immediately. If
the data contact is not detected, the MP2632B
jumps to the primary detection automatically
after 300ms from the beginning of the DCD.
Primary
detection
is
used
to
distinguish
between the USB host (or SDP) and different
types of charging ports.
During primary detection, the PD turns on
VDP_SRC on DP1 and IDM_SINK on DM1. If the
portable device is attached to a USB host, DM1
is low. If the power device is attached to CDP,
DCP, or another dedicated charging port, DM1
remains high.
To be compatible with different capacities of the
input
source,
set
the
input
current
limit
according to the values listed in Table 2.
Table 2: Input Current Limit Setting
DP1/DM1 Detection
IIN_LMT
Floating
500mA
SDP
500mA
CDP or DCP
Set through RILIM
USB detection runs once VIN is detected and is
independent of the charge enable status. After
the DP1/DM1 detection is done, the MP2632B
sets the input current limit as shown in Table 2.
When the detection algorithm is completed,
DP1 and DM1 enter Hi-Z with approximately
4pF of capacitive load.
External Input Current Limit Setting
The MP2632B has a dedicated pin (ILIM) used
to program the input current limit when CDP or
DCP is detected. The current at ILIM is a
fraction of the input current. The ILIM voltage
indicates the average input current of the
switching
regulator
as
determined
by
the
resistor value between ILIM and GND. As the
input current approaches the programmed input
current limit, the charge current is reduced to
give priority to the system power. Determine the
input current-limit threshold with Equation (4):
ILIM
ILIM
40(k )
I
(A)
R
(k )
(4)
Input Voltage Regulation in Charge Mode
In charge mode, if the input power source is not
sufficient enough to support both the charge
current and the system load current, the input
voltage
decreases.
As
the
input
voltage
approaches the 4.65V input voltage regulation
threshold preset internally, the charge current is
reduced to give priority to the system power
and maintain proper regulation of the input
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com