Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2632B Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 35Page - Monolithic Power Systems MP2632B Datasheet HTML 36Page - Monolithic Power Systems MP2632B Datasheet HTML 37Page - Monolithic Power Systems MP2632B Datasheet HTML 38Page - Monolithic Power Systems MP2632B Datasheet HTML 39Page - Monolithic Power Systems MP2632B Datasheet HTML 40Page - Monolithic Power Systems MP2632B Datasheet HTML 41Page - Monolithic Power Systems MP2632B Datasheet HTML 42Page - Monolithic Power Systems MP2632B Datasheet HTML 43Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
39
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
For convenience, an NTC thermistor design
spreadsheet is provided. Please contact MPS
for this spreadsheet
Setting the Output Current Limit in Boost
Mode
In boost mode, connect a resistor from OLIM to
AGND to program the output current limit. The
relationship between the output current limit
and the setting resistor is shown in Equation
(12):
OLIM
OLIM
1500
I
(A)
R
(k ) RS1(m )
 
(12)
The output current limit of the boost can be
programmed up to 2.8A (min). Considering a
7% output current limit accuracy, a 3.0A output
current limit is required, typically. According to
Equation (12), given a 10m
Ω sense resistor, a
49.9k
Ω ROLIM can achieve a 3.0A output current
limit.
For safe operation, ROLIM cannot be lower than
49.9
kΩ.
Given a 10mΩ RS1, Table 7 lists the expected
ROLIM values for the typical output current limit.
Table 7: Output Current vs. ROLIM
ROLIM (kΩ)
Output Current (A)
150
1.0
100
1.5
75
2.0
60
2.5
49.9
3.0
Selecting the Inductor
Inductor selection is a trade-off between cost,
size, and efficiency. A lower inductance value
results in a smaller size but also has higher
current
ripples,
higher
magnetic
hysteretic
losses,
and
higher
output
capacitances.
However, a higher inductance value results in
lower ripple current and smaller output filter
capacitors but also has higher inductor DC
resistance (DCR) loss. Choose an inductor that
will not saturate under the worst-case load
condition.
Selecting an Inductor in Charge Mode
When the MP2632B works in charge mode (as
a
buck
converter),
estimate
the
required
inductance with Equation (13):
IN
BATT
BATT
L _ MAX
IN
S
V
V
V
L
I
V
f


(13)
Where VIN is the typical input voltage, VBATT is
the typical CC charge threshold, fS is the typical
switching
frequency,
and
∆I
L_MAX
is
the
maximum
peak-to-peak
inductor
current
(usually designed at 30 - 40% of the CC charge
current).
With a typical 5V input voltage, there is a 35%
inductor current ripple at the corner point
between the trickle charge and the CC charge
(VBATT = 3V, ICC = 2.5A) and an inductance of
2.2μH.
Selecting an Inductor in Boost Mode
When the MP2632B is in boost mode (as a
boost converter), the required inductance value
can be calculated with Equation (14), Equation
(15), and Equation (16):
BATT
SYS
BATT
SYS
S
L _ MAX
V
(V
V
)
L
V
f
I

  
(14)
L _ MAX
BATT(MAX)
I
(30% 40%) I
(15)
SYS
SYS(MAX)
BATT(MAX)
BATT
VI
I
V

(16)
Where VBATT is the minimum battery voltage, fS
is the switching frequency,
∆IL_MAX is the peak-
to-peak inductor ripple current (approximately
30% of the maximum battery current (IBATT(MAX))),
ISYS(MAX) is the system current, and η is the
efficiency.
The worst-case scenario occurs when the
battery voltage is 3V, the typical system voltage
(VSYS) is 5V, the inductance is 1.5µH, and the
efficiency is 90%. This results in a 30% inductor
current ripple.
For best results, use an inductor with an
inductance of 2.2µH with a DC current rating no
lower than the peak current of the MOSFET.
For higher efficiency, minimize the inductor’s
DC resistance.
Selecting the Input Capacitor (CIN)
The input capacitor (CIN) reduces both the
surge current drawn from the input and the
switching noise from the device. The input
capacitor impedance at the switching frequency
should be less than the input source impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com