Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2632B Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 9Page - Monolithic Power Systems MP2632B Datasheet HTML 10Page - Monolithic Power Systems MP2632B Datasheet HTML 11Page - Monolithic Power Systems MP2632B Datasheet HTML 12Page - Monolithic Power Systems MP2632B Datasheet HTML 13Page - Monolithic Power Systems MP2632B Datasheet HTML 14Page - Monolithic Power Systems MP2632B Datasheet HTML 15Page - Monolithic Power Systems MP2632B Datasheet HTML 16Page - Monolithic Power Systems MP2632B Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A, SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
13
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, CIN = CBATT = CSYS = C2 = 22µF, L1 = 2.2µH, RS1 = 10mΩ, C4 = CTMR = 0.1µF, battery
simulator, unless otherwise noted.
BATTOVP_VBL_R_% vs. Temperature
BATTOVP_VBH_% vs. Temperature
101.0
102.0
103.0
104.0
105.0
-50
0
50
100
TEMPERATURE (
°C)
100.0
101.0
102.0
103.0
104.0
105.0
-50
0
50
100
TEMPERATURE (
°C)
BATTOVP_VBNC_% vs. Temperature
IOLIM_60.4kΩ vs. Temperature
ROLIM = 60.4k
Ω
101
102
103
104
105
-50
0
50
100
TEMPERATURE (
°C)
2200.0
2280.0
2360.0
2440.0
2520.0
2600.0
2680.0
-50
0
50
100
Temperature (
°C)
ICC_75kΩ vs. Temperature
RISET = 75k
Ω
1850.0
1890.0
1930.0
1970.0
2010.0
2050.0
-50
0
50
100
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com