Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADL9005
Rev. 0 | Page 17 of 24
FREQUENCY (GHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
35
40
45
50
55
1.5kΩ, IDQ = 40mA
1.0kΩ, IDQ = 50mA
650Ω, IDQ = 60mA
450Ω, IDQ = 70mA
300Ω, IDQ = 80mA
180Ω, IDQ = 90mA
Figure 61. OIP2 vs. Frequency for Various Bias Resistor Values and IDQ,
0.01 GHz to 1 GHz, VDD = 5 V, VBIAS = 5 V
1GHz
8GHz
10GHz
14GHz
20GHz
26GHz
INPUT POWER (dBm)
–20
–16
–12
–8
–4
0
4
8
0.20
0.24
0.28
0.32
0.36
0.40
Figure 62. PDISS vs. Input Power at Various Frequencies, TA = 85°C, VDD = 5 V,
VBIAS = 5 V, IDQ = 80 mA
VBIAS (V)
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
100
Figure 63. IDQ vs. VBIAS, VDD = 5 V, RBIAS = 300 Ω
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
45
50
55
1.5kΩ, IDQ = 40mA
1.0kΩ, IDQ = 50mA
650Ω, IDQ = 60mA
450Ω, IDQ = 70mA
300Ω, IDQ = 80mA
180Ω, IDQ = 90mA
Figure 64. OIP2 vs. Frequency for Various Bias Resistor Values and IDQ,
1 GHz to 24.5 GHz, VDD = 5 V, VBIAS = 5 V
VDD (V)
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
100
Figure 65. IDQ vs. VDD, VBIAS = 5 V, RBIAS = 300 Ω
BIAS RESISTOR V
ALUE (kΩ)
0
0.3
0.6
0.9
1.2
1.5
40
50
60
70
80
90
Figure 66. IDQ vs. Bias Resistor Value, VBIAS = 5 V, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com