Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL9005
Data Sheet
Rev. 0 | Page 22 of 24
PROVIDING DRAIN BIAS
The ADL9005 was characterized using a connectorized wideband
bias tee (Marki Microwave BT2-0040). In practice, the drain bias
must be provided by a board mountable component. Drain biasing
for a wideband amplifier, such as the ADL9005, is traditionally
provided by connecting a wideband conical inductor between
RFOUT/VDD and the 5 V power supply, as shown in Figure 74.
Conical inductors are fragile and physically large. Figure 76
shows an alternative biasing circuit that uses 0402 sized, surface-
mount components. The gain, input return loss, and output
return loss over frequency are shown in Figure 77.
1pF
1pF
270Ω
340Ω
100nF
5V
R3
C1
R4
C2
FB1
470Ω
L3
0.11µH
COUT
RFOUT
RFOUT/VDD
GND
FB2
470Ω
Figure 76. Surface-Mounted Bias Tee Schematic
S21
S11
S22
FREQUENCY (GHz)
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
5
10
15
20
Figure 77. Gain and Return Loss vs. Frequency Using the Surface-Mount Bias Tee
The circuit consists of ferrite beads (FB1 and FB2), an ac coupling
capacitor (COUT), an inductor (L3), de-Q resistors (R3 and R4),
and bypass capacitors (C1 and C2).
The R3, R4, C1, and C2 decoupling components are used to
reduce the RF coupling and to filter out power supply noise.
R3 and R4 are de-Q resistors that can reduce frequency glitches
caused by interactions between the PCB and the decoupling
capacitors.
FB2 is critical to achieving high frequency operation. Optimal
performance is achieved when FB2 touches down on the RF
trace directly. FB1 is also a critical component that must be
placed as close as possible to FB2 because a longer trace adds
increased inductance and capacitance. FB1 mitigates resonances
caused by the interaction between FB2 and the PCB.
The L3 inductor is only needed if operation at below 100 MHz
is required. Otherwise, omit L3.
Table 10 lists the part numbers of the manufacturers and values
used in the surface-mounted bias tee circuit shown in Figure 76.
Further details on design of surface-mount bias tee circuits can
be found in Application Note AN-2061.
Table 10. Part Numbers of the Manufacturers and Values Used in the Surface-Mounted Bias Tee Circuit Shown in Figure 76
Component
Value
Manufacturer
Part Number
FB1, FB2
470 Ω
Murata
BLM15GG471SN1D
L3
0.11 µH
Coilcraft
0805LS-111X_E_
COUT
100 nF
American Technical Ceramics
ATC 560L
R3
340 Ω
Panasonic
ERA-2AEB3400X
C1, C2
1 pF
Murata
GJM1555C1H1R0CB01D
R4
270 Ω
Panasonic
ERJ-2GEJ271X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com