Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL9005
Rev. 0 | Page 21 of 24
BIASING THE ADL9005 BY USING THE LTM8020
The LTM8020, µModule® regulator is suitable for the ADL9005
due to its compact size and wide input voltage range of 4 V to
36 V while maintaining high efficiency and output noise below
the maximum allowable ripple of the ADL9005 due to its high
power supply modulation ratio.
The ADL9005 can be powered by using a well regulated power
source. The LTM8020 is a complete 200 mA, dc to dc, step-down
power supply that provides a single 5 V supply to VDD through a
bias tee on RBIAS. The recommended input voltage (VIN) for the
LTM8020 is from 6.5 V to 36 V to achieve a 5 V output voltage
(VOUT).
Figure 75 shows the application circuit for ADL9005 using the
LTM8020 regulator.
2
1
3
4
5
6
18
17
16
15
14
13
R1
300Ω
C4
100pF
CIN
0.1µF
RF INPUT
RFIN
RBIAS
C9
0.01µF
RFOUT/
VDD
C7
4.7µF
C10
100pF
C11
0.01µF
C6
4.7µF
DRAIN
BIASING
NETWORK
RF
OUTPUT
165kΩ
1%
VIN
VOUT
SHDN
BIAS
GND
ADJ
LTM8020
10µF
2.2µF
VIN
6.5V TO 36V
VOUT
5V
200mA
ADL9005
Figure 75. Application Circuit for the ADL9005 Using the LTM8020 Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com