Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4124 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4126-ADJ
13
Rev. 0
For more information www.analog.com
OPERATION
another 110ms and the cycle continues. The duration of
110msischosentopreventmodeswitchingatafrequency
which could fall into the audible range. The switch over to
Mode 3 provides more current drive capability at the cost
of efficiency and this is why the converter tries to stay in
Mode 1 or Mode 2 as much as possible.
Converter Efficiency
The LTC4126-ADJ DC/DC converter efficiency varies
throughout the battery voltage range and is very much
dependent on the mode it is operating in. The theoretical
maximumefficiencyinMode1canbeexpressedasfollows:
Efficiency,
ηMode1 =
VOUT
VBAT
3
⎛
⎝⎜
⎞
⎠⎟
If regulation is maintained at the OUT pin at 1.2V, the
theoretical maximum efficiency is 85.7% when VBAT =
4.2V and 100% when VBAT = 3.6V as calculated from the
above equation.
When the battery voltage is between 3.6V and 3.3V, the
converter can no longer maintain a 1.2V regulation at OUT
at all loads and is operating in Mode 2. However, the upper
limit on the efficiency that the converter can achieve in this
mode is determined by switching losses, ohmic losses,
and quiescent current loss.
When the battery voltage falls to 3.3V, the converter enters
Mode 3 where the theoretical maximum efficiency can be
expressed as follows:
Efficiency,
ηMode3 =
VOUT
VBAT
2
⎛
⎝⎜
⎞
⎠⎟
In Mode 3, the theoretical maximum efficiency is 72.7%
when VBAT=3.3Vand80%whenVBAT=3.0Vascalculated
from the above equation.
Figure 4 shows graphically the variation of the theoretical
maximum efficiency of the converter over the range of
battery voltages in the three different modes of operation.
Battery Level Indicator
The LTC4126-ADJ is equipped with a battery voltage
monitor which reports various battery voltage levels via
the STAT pins when not charging and the converter is
enabled. See Table 3. Since the STAT pins indicate either
the charger status or the battery levels based on the state
of ACPR, there may be a delay of up to 1µs before the STAT
pins are valid whenever ACPR changes state.
Table 3. Battery Level Indication
ACPR STAT1 STAT2 STATUS
0
0
0
VBAT < 3.2V, Low Battery Alert 3
0
0
1
3.2V < VBAT < 3.3V
0
1
0
3.3V < VBAT < 3.6V
0
1
1
VBAT > 3.6V
1
X
X
Power Available, STAT Pins Indicate Charger Status
Battery Disconnect/Ship Mode
When no input power is available and the battery voltage
falls to 3.0V (typical), the LTC4126-ADJ shuts down most
of its functions to prevent the battery from discharging too
deeply, consuming less than 100nA from the battery. Once
in battery disconnect mode, normal functioning can only
resume when power is applied to the ACIN or VCC pin and
the VCC pin voltage rises 80mV (typical) above the BAT pin
voltage.
The LTC4126-ADJ is also in battery disconnect mode after
initial installation of the battery regardless of its voltage
level. This implements the ship mode functionality.
Figure 4. Theoretical Maximum Converter
Efficiency vs Battery Voltage
BATTERY VOLTAGE (V)
100
90
70
50
40
30
20
80
60
10
0
4.2
3.0
3.9
4126-ADJ F04
3.3
3.6
MODE 3
MODE 2
MODE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com