Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4124 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4126-ADJ
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
used to set the hot and cold thresholds independently to
60°C and –5°C. Using the same Vishay thermistor with
β25/85 = 3950k whose nominal value at 25°C is 100k, the
formula results in RBIAS = 147k and RD = 52.3k for the
closest 1% resistor values.
PC BOARD LAYOUT CONSIDERATIONS
Since the exposed pad of the LTC4126-ADJ package is
the only ground pin and serves as the return path for both
the charger and the DC/DC converter, it must be soldered
to the PC board ground for a good electrical connection.
Although the LTC4126-ADJ is a low power IC, the shunt
circuitry in the AC power control block can cause a fair
amount of on-chip power dissipation if the available AC
power is excessive. If the heat is not dissipated properly
on the PC board, the temperature of the die and subse-
quently, the temperature of the battery may rise above
the hot temperature threshold set by the NTC thermistor
causing the charger to pause charging. For optimum ther-
mal performance, there should be a group of vias directly
under the exposed pad on the backside leading directly
down to an internal ground plane. To minimize parasitic
inductance, the ground plane should be as close as pos-
sible to the top plane of the PC board (Layer 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com