Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4124 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4126-ADJ
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
09/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
CRX
47nF
CVCC
2.2F
2.2µF
1.2V
ACIN
OUT
GND
Li-Ion
4.2V
LTC4126-ADJ
BAT
EN
CHRG
VCC
+
ACPR
STAT2
DIGITAL I/O
STAT1
NTC
PROG
PUSHBUTTON
ADM8642
TRICKLE CHARGE
WHEN BATTERY
IS BELOW 2.8V
GND
OUT
PBEN
4126-ADJ TA03
RBIAS
100k
D
LRX
13µH
RNTC
NTC RESISTOR
THERMALLY
COUPLED
WITH BATTERY
R1
243k
C1
4.7µF
VIN
5V
C2
100µF
LTX
6.8µH
GND
V+
OUT
fDRIVE = 205.8kHz
fLC_TANK = 255.6kHz
CTX1
47nF
CTX2
10nF
M1
Si2312CDS
SET
OE
DIV
LTC6990
AIR GAP
(4mm TO 6mm)
CTX1: TDK CGA5H2C0G1H473J115AA
CTX2: AVX 06033A103JAT2A
LTX: WURTH 760308101104
CRX: KEMET C0805C473J3GACAUTO
LRX: WURTH 760308101208
RNTC: VISHAY NTCS0402E3104JHT
M1: VISHAY Si2312CDS-T1-GE3
D1: ROHM SEMICONDUCTOR SML-311UTT86
RTRKL1
30.1k
RVCC
1k
RPROG
8.87k
RTRKL2
6.34k
+
–
VCC
VIN
VTH
DIS
ICHG = 10mA
Wireless 10mA Li-Ion Battery Charger (4.2V) Tuned at 204kHz with Pushbutton Enabling and C/10 Trickle Charging Function
PART NUMBER DESCRIPTION
COMMENTS
LTC4120
400mA Wireless Power Receiver Buck Battery
Charger
Wireless 1 to 2 Cell Li-Ion Charger, 400mA Charge Current, Dynamic Harmonization
Control, Wide Input Range: 12.5V to 40V, 16-Lead 3mm × 3mm QFN Package
LTC4123
Low Power Wireless Charger for Hearing Aids
Wireless Single NiMH Charger, Integrated Rectifier with Overvoltage Limit, 25mA Charge
Current, Zn-Air Detect, Temperature Compensated Charge Voltage, 6-Lead 2mm × 2mm
DFN Package
LTC4124
100mA Wireless Li-Ion Charger with Low
Battery Disconnect
Wireless Single Li-Ion Charger with PowerPath™, Pin-Selectable Charge Current:
10mA/25mA/50mA/100mA, Pin-Selectable Charge Voltage: 4.0V/4.1V/4.2V/4.35V, 12-
Lead 2mm × 2mm QFN Package
LTC4125
5W Auto Resonant Wireless Power Transmitter Monolithic Auto Resonant Full Bridge Driver, Transmit Power Automatically Adjusts to
Receiver Load, Foreign Object Detection, Wide Operating Switching Frequency Range:
50kHz to 250kHz, Input Voltage Range 3V to 5.5V, 20-Lead 4mm × 5mm QFN Package
LTC4126/
LTC4126-10
7.5mA/10mA Wireless Li-Ion Charger with
1.2V Step-Down DC/DC Converter
Wireless Single Li-Ion Charger, Integrated Rectifier with Overvoltage Limit, 7.5mA/10mA
Charge Current, Pin Selectable Float Voltages (LTC4126: 4.2V, 4.35V/LTC4126-10: 4.1V,
4.2V), 12-Lead 2mm × 2mm QFN Package
LTC6990
TimerBlox: Voltage Controlled Silicon Oscillator Fixed-Frequency or Voltage-Controlled Operation, Frequency Range of 488Hz to 2MHz,
Low-Profile SOT-23 and 2mm × 3mm DFN Packages
LTC6992
TimerBlox: Voltage Controlled Pulse-Width
Modulator (PWM)
Pulse Width Modulation by 0V to 1V Analog Input, Frequency Range of 3.81Hz to 1MHz,
Low-Profile SOT-23 and 2mm × 3mm DFN Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com