Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ASMT-RX45-XXXXX
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RX45-XXXXX Datasheet(HTML) 6 Page - Broadcom Corporation.

  ASMT-RX45-XXXXX Datasheet HTML 1Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 2Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 3Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 4Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 5Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 6Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 7Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 8Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ASMT-Rx45-xxxxx Data Sheet
0.45-mm Leadframe-Based Surface Mount ChipLED
Broadcom
AV02-0378EN
6
Intensity Bin Select (X3X4)
Individual reel contains parts from one-half bin only.
Light Intensity (IV) Bin Limits
Tolerance: ±15%.
X3
Min IV Bin
X4
Full Distribution
0
Full Distribution
2
2 half bins starting from X31
3
3 half bins starting from X31
4
4 half bins starting from X31
5
5 half bins starting from X31
6
2 half bins starting from X32
7
3 half bins starting from X32
8
4 half bins starting from X32
9
5 half bins starting from X32
Bin ID
Intensity (mcd)
Min.
Max
A1
0.11
0.14
A2
0.14
0.18
B1
0.18
0.23
B2
0.23
0.29
C1
0.29
0.36
C2
0.36
0.45
D1
0.45
0.57
D2
0.57
0.72
E1
0.72
0.90
E2
0.90
1.10
F1
1.10
1.41
F2
1.41
1.80
G1
1.80
2.24
G2
2.24
2.80
H1
2.80
3.55
H2
3.55
4.50
J1
4.50
5.70
J2
5.70
7.20
K1
7.20
9.00
K2
9.00
11.20
L1
11.20
14.20
L2
14.20
18.00
M1
18.00
22.50
M2
22.50
28.00
N1
28.00
36.00
N2
36.00
45.00
P1
45.00
57.00
P2
57.00
71.50
Q1
71.50
90.00
Q2
90.00
113.00
R1
113.00
142.00
R2
142.00
180.00
S1
180.00
227.00
S2
227.00
285.00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com