Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # ASMT-RX45-XXXXX
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RX45-XXXXX Datasheet(HTML) 7 Page - Broadcom Corporation.

  ASMT-RX45-XXXXX Datasheet HTML 1Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 2Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 3Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 4Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 5Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 6Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 7Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 8Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ASMT-Rx45-xxxxx Data Sheet
0.45-mm Leadframe-Based Surface Mount ChipLED
Broadcom
AV02-0378EN
7
Color Bin Select (X5)
Individual reel contains parts from one full bin only.
Packaging Option (X6)
Forward Voltage (VF) Bin Limits
Tolerance: ±0.1V.
Color Bin Limits
Yellow Green Color Bin
Yellow/Amber Color Bin
Orange Color Bin
Red Color Bin
Red Orange Color Bin
Tolerance: ±1 nm.
X5
0
Full Distribution
Z
A and B only
Y
B and C only
W
C and D only
V
D and E only
U
E and F only
T
F and G only
S
G and H only
Q
A, B and C only
P
B, C and D only
N
C, D and E only
M
D, E and F only
L
E, F and G only
K
F, G and H only
J
Special Color Bin
1
A, B, C and D only
2
E, F, G and H only
3
B, C, D and E only
4
C, D, E and F only
5
A, B, C, D and E only
6
B, C, D, E, and F only
Option
Test Current
Package Type
Reel Size
2
20 mA
Top Mount
7 Inch
H
2 mA
Top Mount
7 Inch
K
5 mA
Top Mount
7 Inch
Bin ID
Forward Voltage (V)
Min.
Max.
1
1.60
1.80
2
1.80
2.00
3
2.00
2.20
4
2.20
2.40
Bin ID
Dominant Wavelength (nm)
Min.
Max.
E
564.5
567.5
F
567.5
570.5
G
570.5
573.5
H
573.5
576.5
Bin ID
Dominant Wavelength (nm)
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Bin ID
Dominant Wavelength (nm)
Min.
Max.
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
Bin ID
Dominant Wavelength (nm)
Min.
Max.
Full Distribution
620.0
635.0
Bin ID
Dominant Wavelength (nm)
Min.
Max.
A
610.0
615.0
B
615.0
620.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com