Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ASMT-RX45-XXXXX
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RX45-XXXXX Datasheet(HTML) 8 Page - Broadcom Corporation.

  ASMT-RX45-XXXXX Datasheet HTML 1Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 2Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 3Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 4Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 5Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 6Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 7Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 8Page - Broadcom Corporation. ASMT-RX45-XXXXX Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Broadcom
AV02-0378EN
8
ASMT-Rx45-xxxxx Data Sheet
0.45-mm Leadframe-Based Surface Mount ChipLED
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a per JEDEC J-STD-020. Take precautions when handling this
moisture sensitive product to ensure the reliability of the product. Refer to Broadcom Application Note AN5305, Handling of
Moisture Sensitive Surface Mount Devices
for details.
Storage Before Use
An unopen moisture barrier bag (MBB) can be stored at < 40°C/90% RH for 12 months. If the actual shelf life has
exceeded 12 months and the humidity indicator card (HIC) indicates that baking is not required, then it is safe to reflow
the LEDs per the original MSL rating.
Do not open the MBB prior to assembly (for example, for IQC).
Control after Opening the MBB
Read the HIC when opening the MBB.
Keep the LEDs at < 30°C/60% RH at all times and for all high-temperature related processes, including soldering,
curing, or rework that must be completed within 672 hours.
Control for the Unfinished Reel
Store unused LEDs in a sealed MBB with desiccant or desiccator at < 5%RH.
Control of Assembled Boards
If the PCB soldered with the LEDs is to be subjected to other high-temperature processes, store the PCB in a sealed
MBB with desiccant or desiccator at <5% RH to ensure that no LEDs have exceeded their floor life of 672 hours.
Baking Is Required for the Following Conditions
"10%" or "15%" on the HIC turns pink.
The LEDs are exposed to conditions of > 30°C/60% RH at any time.
The LEDs’ floor life exceeded 672 hours.
The recommended baking condition is 60°C ± 5°C for 20 hours.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com