Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2073 Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC2073
Description  NPN Plastic-Encapsulate Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC2073 Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC2073 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 7Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
JINAN JINGHENG ELECTRONICS CO., LTD.
5-3
HTTP://WWW.JINGHENG.CN
Characteristics(Typical)
2SC2073
hFE ─IC
COLLECTOR CURRENT IC (mA)
0.01
0.1
1
TC=100℃
VCE=10V
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
4
8
12
16
20
100
1000
0.0
0.4
1.2
1.6
2.0
Static Characteristic
150
100
50
30
40
15
10
IB=5mA
COMMON
EMITTER
Tc=25℃
VCEsat ─IC
COLLECTOR CURRENT IC (A)
0.01
0.1
1
0.8
20
30
10
25
-25
0.01
0.1
1
IC/IB=10
3
5
10
100
300
0.01
0.1
1
5
COLLECTOR-EMITTER VOLTAGE VCE (V)
Safe Operating Area
Ic MAX .(PULSED)
Ic MAX.(CONTINUOUS)
10ms
100ms
1s
SINGLE NONREPETITIVE
PULSE TC=25℃
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE.
DC OPERATION
TC=25℃
THERAMAL LIMITED
S/D LIMITED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com