Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2073 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC2073
Description  NPN Plastic-Encapsulate Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC2073 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC2073 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 7Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC2073
NPN Plastic-Encapsulate Transistors
Symbol
Unit
Value
Collector-Emitter Voltage
VCEO
V
Collector-Base Voltage
VCBO
V
Emitter-Base Voltage
VEBO
V
Collector Current (DC)
IC
A
Power Dissipation
PD
W
Operation Junction T emperature
TJ
℃
-55 to +150
Storage T emperature
TSTG
℃
-55 to +150
JINAN JINGHENG ELECTRONICS CO., LTD.
5-1
HTTP://WWW.JINGHENG.CN
R
S E M I C O N D U C T O R
FEATURES
150
150
C
B
E
MECHANICAL DATA
Case:
TO-220,ITO-220,TO-263,TO-126,TO-251,TO-252 Package
Terminals:Plated solderable per MIL-STD-750,method 2026
Mounting Position: Any
Parameter
5.0
Low saturation voltage
High current output up to 1.5A
TO-220
1
2
3
ITO-220
TO-263
1
3
2
1
2
3
TO-252
TO-251
1
2
3
1
2
3
TO-126
1
2
3
Complementary to 2SA940
High Stability and High Reliability
1.5
Tc=25°C
25
Table 2.Thermal Characteristics
Parameter
Symbol
Unit
Thermal resistance Junction to Case
RθJc
°C/W
10.0
5.0
Table1 Absolute Maximum Ratings (TC=25°C, unless otherwise specified)
Collector Current (Pulse)
Base Current (DC)
ICP
IB
A
A
0.5
3
TO-220/TO-263/
TO-252/TO-251
ITO-220
ITO-126
7.0
TO-220/TO-263/
TO-252/TO-251
ITO-220
ITO-126
18
12.5


Similar Part No. - 2SC2073

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2073 MOSPEC-2SC2073 Datasheet
114Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
TRANSYS Electronics Lim...
2SC2073 TEL-2SC2073 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SC2073 SAVANTIC-2SC2073 Datasheet
129Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2073 ISC-2SC2073 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
More results

Similar Description - 2SC2073

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com