Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2073 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC2073
Description  NPN Plastic-Encapsulate Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC2073 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC2073 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd. 2SC2073 Datasheet HTML 7Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICEO
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TC=25°C Unless otherwise specified)
V
V
V
μA
Transition frequency
fT
MHZ
IC=10mA,IB=0
---
IC=100μA,IE=0
---
IE=100μA,IC=0
5.0
---
VCE=150V,IB=0
---
100
IC=500mA,VCE=10V
f=1.0MHZ
4
---
150
150
2SC2073
Parameter
Collector -emitter cut-off Current
ICES
Emitter cut-off Current
IEBO
μA
μA
VCE=150V
---
VEB=5V,Ic=0
---
100
100
DC Current Gain
hFE(1)
IC=500mA,VCE=5V
60
IC=2A,VCE=5V
15
IC=10mA,VCE=5V
30
180
hFE(2)
hFE(3)
300
300
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
VCE(sat)
VBE(sat)
V
V
IC=1A,IB=100mA
---
IC=2A,IB=200mA
---
1.20
IC=2A,IB=200mA
0.80
---
1.50
IC=0.5A,IB=50mA
---
0.60
CLASSIFICATION OF h FE(2)
Rank
Range
100-120
6
160-180
hFE
60-180
3
60-80
1
80-100
2
120-140
4
140-160
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com