Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952301 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS952301
Description  Frequency Timing Generator for Transmeta Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952301 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS952301 Datasheet HTML 1Page - Integrated Circuit Systems ICS952301 Datasheet HTML 2Page - Integrated Circuit Systems ICS952301 Datasheet HTML 3Page - Integrated Circuit Systems ICS952301 Datasheet HTML 4Page - Integrated Circuit Systems ICS952301 Datasheet HTML 5Page - Integrated Circuit Systems ICS952301 Datasheet HTML 6Page - Integrated Circuit Systems ICS952301 Datasheet HTML 7Page - Integrated Circuit Systems ICS952301 Datasheet HTML 8Page - Integrated Circuit Systems ICS952301 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS952301
Advance Information
0673—07/09/02
Pin Descriptions
PIN # PIN
PIN
TYPE
DESCRIPTION
1
GNDREF
PWR
Ground pin.
2
X1
IN
Crystal input, nominally 14.318MHz.
3
X2
OUT
Crystal output, nominally 14.318MHz.
4PD#
IN
Asynchronous active low input pin used to power down the
device into a low power state. The internal clocks are
disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 3ms.
5
PCICLK0
OUT
PCI clock outputs.
6
PCICLK1
OUT
PCI clock outputs.
7
GNDPCI
PWR
Ground pin.
8
VDDPCI
PWR
Supply for PCI, nominal 3.3V.
9
PCICLK21
OUT
PCI clock outputs.
10
PCICLK3
OUT
PCI clock outputs.
11
PCICLK41
OUT
PCI clock outputs.
12
GNDPCI
PWR
Ground pin.
13
VDDPCI
PWR
Supply for PCI, nominal 3.3V.
14
PCICLK5
OUT
PCI clock outputs.
15
PCICLK6
OUT
PCI clock outputs.
16
SDATA
I/O
Data pin for I
2C circuitry 5V tolerant
17
24-48MHz/Sel
48_24#*
I/O
Selectable 48 or 24MHz output
18
48MHz
OUT
48MHz output clock
19
GND48
PWR
Ground pin.
20
VDD48
PWR
Power for 24 & 48MHz output buffers and fixed PLL core.
21
SCLK
IN
Clock pin of I
2C circuitry 5V tolerant
22
PCI_STOP#
IN
Stops all PCICLKs besides the PCICLK_F clocks at logic 0
level, when input low
23
CPUCLK0
OUT
CPU clock outputs.
24
GNDCPU/CORE
PWR
Ground pin.
25
VDDCPU/CORE
PWR
3.3V power for the PLL core.
26
CPU_STOP#
IN
Stops all CPUCLKs besides the CPUCLK_F clocks at logic 0
level, when input low
27
REF/ 1X or 2X
Programmable*
OUT
14.318 MHz reference clock. Latched input select for strength
of PCICLK(4,2). Default 1X with internal pullup.
28
VDDREF
PWR
3.3V power for the REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com