Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952301 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS952301
Description  Frequency Timing Generator for Transmeta Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952301 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS952301 Datasheet HTML 2Page - Integrated Circuit Systems ICS952301 Datasheet HTML 3Page - Integrated Circuit Systems ICS952301 Datasheet HTML 4Page - Integrated Circuit Systems ICS952301 Datasheet HTML 5Page - Integrated Circuit Systems ICS952301 Datasheet HTML 6Page - Integrated Circuit Systems ICS952301 Datasheet HTML 7Page - Integrated Circuit Systems ICS952301 Datasheet HTML 8Page - Integrated Circuit Systems ICS952301 Datasheet HTML 9Page - Integrated Circuit Systems ICS952301 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ICS952301
Advance Information
0673—07/09/02
BYTE
0
Pin #
Name
Control Function
0
1
PWD
Bit 7
-
-
Frequency select by bit 7
RW
1
Bit 6
-
-
Frequency select by bit 6
RW
1
Bit 5
-
-
Frequency select by bit 5
RW
1
Bit 4
Frequency select by bit 4
RW
1
Bit 3
--
Reserved
R
-
-
1
Bit 2
-
-
Frequency select by bit 2
RW
1
Bit 1
-
-
Spread Enable
RW
Normal
Enable
0
Bit 0
-
-
Output Control
RW
Running
Tri-state
0
Affected Pin
Bit Control
See Frequency table
See Frequency table
BYTE
1
Pin #
Name
C ontrol Function
0
1
PWD
Bit 7
15
PCICLK6
Output disable
RW
Disable
Enable
1
Bit 6
14
PCICLK5
Output disable
RW
Disable
Enable
1
Bit 5
11
PCICLK4
Output disable
RW
Disable
Enable
1
Bit 4
10
PCICLK3
Output disable
RW
Disable
Enable
1
Bit 3
9
PCICLK2
Output disable
RW
Disable
Enable
1
Bit 2
6
PCICLK1
Output disable
RW
Disable
Enable
1
Bit 1
5
PCICLK0
Output disable
RW
Disable
Enable
1
Bit 0
-
-
(R eserved)
-
-
-
0
Affected Pin
B it Control
BYTE
2
Pin #
Name
Control Function
0
1
PWD
Bit 7
18
48MHz
Output Disable
RW
Disable
Enable
1
Bit 6
17
24_48MHz
Output Disable
RW
Disable
Enable
1
Bit 5
23
CPUCLK0
Output disable
RW
Disable
Enable
1
Bit 4
27
REF
Output disable
RW
Disable
Enable
1
Bit 3
9
PCICLK2
1X or 2X
RW
2X
1X
1
Bit 2
11
PCICLK4
1X or 2X
RW
2X
1X
1
Bit 1
-
-
PCI HW SEL Status
R
2X
1X
1
Bit 0
-
-
(Reserved)
-
-
-
X
Affected Pin
Bit Control
BYTE
3
Pin #
Name
Control Function
0
1
PWD
Bit 7
15
PCICLK6
Free Run Status
RW
Disable
Enable
1
Bit 6
14
PCICLK5
Free Run Status
RW
Disable
Enable
1
Bit 5
11
PCICLK4
Free Run Status
RW
Disable
Enable
1
Bit 4
10
PCICLK3
Free Run Status
RW
Disable
Enable
1
Bit 3
9
PCICLK2
Free Run Status
RW
Disable
Enable
1
Bit 2
6
PCICLK1
Free Run Status
RW
Disable
Enable
1
Bit 1
5
PCICLK0
Free Run Status
RW
Disable
Enable
1
Bit 0
-
-
(Reserved)
-
-
-
X
Affected Pin
Bit Control
BYTE
4
Pin #
Name
Control Function
0
1
PWD
Bit 7
--
(Reserved)
-
-
-
X
Bit 6
--
(Reserved)
-
-
-
X
Bit 5
--
(Reserved)
-
-
-
X
Bit 4
--
(Reserved)
-
-
-
X
Bit 3
--
(Reserved)
-
-
-
X
Bit 2
--
(Reserved)
-
-
-
X
Bit 1
--
(Reserved)
-
-
-
X
Bit 0
--
(Reserved)
-
-
-
X
Affected Pin
Bit Control
BYTE
5
Pin #
N am e
C ontrol Function
0
1
PWD
Bit 7
--
(R eserved)
-
-
-
X
Bit 6
--
(R eserved)
-
-
-
X
Bit 5
--
(R eserved)
-
-
-
X
Bit 4
--
(R eserved)
-
-
-
X
Bit 3
--
(R eserved)
-
-
-
X
Bit 2
--
(R eserved)
-
-
-
X
Bit 1
--
(R eserved)
-
-
-
X
Bit 0
--
(R eserved)
-
-
-
X
Bit Control
Affected Pin
BYTE
6
Pin #
N a m e
C ontr ol Func tion
0
1
PW D
Bit 7
-
-
(R eserved)
--
-
0
Bit 6
-
-
(R eserved)
--
-
0
Bit 5
-
-
(R eserved)
--
-
0
Bit 4
-
-
(R eserved)
--
-
0
Bit 3
-
-
(R eserved)
--
-
0
Bit 2
-
-
(R eserved)
--
-
1
Bit 1
-
-
(R eserved)
--
-
1
Bit 0
-
-
(R eserved)
--
-
0
Affe c ted Pin
Bit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com