Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952301 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952301
Description  Frequency Timing Generator for Transmeta Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952301 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952301 Datasheet HTML 1Page - Integrated Circuit Systems ICS952301 Datasheet HTML 2Page - Integrated Circuit Systems ICS952301 Datasheet HTML 3Page - Integrated Circuit Systems ICS952301 Datasheet HTML 4Page - Integrated Circuit Systems ICS952301 Datasheet HTML 5Page - Integrated Circuit Systems ICS952301 Datasheet HTML 6Page - Integrated Circuit Systems ICS952301 Datasheet HTML 7Page - Integrated Circuit Systems ICS952301 Datasheet HTML 8Page - Integrated Circuit Systems ICS952301 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
ICS952301
Advance Information
0673—07/09/02
Block Diagram
Frequency Timing Generator for Transmeta Systems
Pin Configuration
Pentium is a trademark on Intel Corporation.
Power Groups
VDD_Core, GND_Core = PLL core
VDDREF, GNDREF = REF, X1, X2
VDDPCI, GNDPCI = PCICLK (6:0)
VDD48, GND48 = 48MHz (1:0)
28-Pin 173mil TSSOP
Note: ^ Internal Pulldown Resistor
* Internal Pullup Resistor
1 1X/2X Programmable
Recommended Application:
Transmeta
Output Features:
•
1CPU up to 66.6MHz &
overclocking of 66MHz.
•
7 PCI (3.3V) @ 33.3MHz (all are free running
selectable) w/ 2 selectable 1X/2X.
•
1 REF (3.3V) at 14.318MHz.
•
1 48MHz (3.3V).
•
1 24_48MHz selectable output.
Features:
•
Supports Spread Spectrum modulation for CPU and
PCI clocks, default -2.0% downspread.
•
Efficient Power management scheme through stop
clocks and power down modes.
•
Uses external 14.318MHz crystal, no external load
cap required for CL=18pF crystal.
•
28-pin TSSOP package, 4.40mm (173mil).
Skew Characteristics:
•
PCI – PCI < 500ps
•
CPU(early) – PCI = 1.5ns – 4ns.
GNDREF 1
28 VDDREF
X1 227 REF/ 1X or 2X Programmable
*
X2 3
26 CPU_STOP#
PD# 4
25 VDDCPU/CORE
PCICLK0 5
24 GNDCPU/CORE
PCICLK1 6
23 CPUCLK0
GNDPCI 7
22 PCI_STOP#
VDDPCI 8
21 SCLK
PCICLK2
1 920 VDD48
PCICLK310
19GND48
PCICLK4
1 11
18 48MHz
GNDPCI 12
17 24-48MHz/Sel 48_24#
*
VDDPCI 13
16 SDATA
PCICLK514
15PCICLK6
SEL48_24#
XTAL
OSC
CPU
PLL
48MHz
PLL
Control
Logic
X1
X2
SDATA
SCLOCK
PD#
48MHz
REF
STOP
STOP
24/48
STOP
STOP
CPU_STOP#
24/48MHz
PCI_STOP#
CPU
PCI(6:0)
PCI DIV
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.


Similar Part No. - ICS952301

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952302 ICST-ICS952302 Datasheet
128Kb / 15P
Frequency Generator for TransmetaTM
ICS952302YGLF-T ICST-ICS952302YGLF-T Datasheet
128Kb / 15P
Frequency Generator for TransmetaTM
More results

Similar Description - ICS952301

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
Frequency Timing Generator for PENDIUM II Systems
Rev C 7/28/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 2/5/00
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
Frequency Timing Generator for Transmeta Systems
2019
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
Frequency Timing Generator for Pentium II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com