Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC8E-1215S/CTRL/X1 Datasheet(PDF) 3 Page - Recom International Power

Part # REC8E-1215S/CTRL/X1
Description  8 Watt 1??x 1??Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8E-1215S/CTRL/X1 Datasheet(HTML) 3 Page - Recom International Power

  REC8E-1215S/CTRL/X1 Datasheet HTML 1Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 2Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 3Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 4Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 5Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-power.com
REV.: 0/2021
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REC8E
Series
REC8E-4805S/CTRL/X1
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
20Vin
36Vin
48Vin
60Vin
Efficiency vs. Load
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% typ.
Line Regulation
low line to high line, full load
±0.4% max.
Load Regulation (4)
10% to 100% load
0.5% max.
Cross Regulation
±5.0% typ.
1
0.5
0
-0.5
0.75
0.25
-0.25
-0.75
-1
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
1
0.5
0
-0.5
0.75
0.25
-0.25
-0.75
-1
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
Deviation vs Load
Notes:
Note4: Operation below 10% load will not harm the converter, but specifications may not be met
REC8E-1205S/CTRL/X1
REC8E-2405S/CTRL/X1
REC8E-4805S/CTRL/X1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com