Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC8E-1215S/CTRL/X1 Datasheet(PDF) 5 Page - Recom International Power

Part # REC8E-1215S/CTRL/X1
Description  8 Watt 1??x 1??Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8E-1215S/CTRL/X1 Datasheet(HTML) 5 Page - Recom International Power

  REC8E-1215S/CTRL/X1 Datasheet HTML 1Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 2Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 3Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 4Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 5Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-power.com
REV.: 0/2021
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REC8E
Series
EMC Compliance
Condition
Standard / Criterion
Electromagnetic Compatibility of Multimedia Equipment - Emission Requirements (7)
refer to
“EMC Filtering”
EN55032:2015+AC:2016, Class A/B
Electromagnetic compatibility of multimedia equipment – Immunity requirements
EN55035:2017
ESD Electrostatic Discharge Immunity Test
Air: ±2, 4, 8kV,
Contact: ±2, 4, 6kV
IEC61000-4-2:2008 , Criteria A
EN61000-4-2:2009, Criteria A
Radiated, Radio-Frequency, Electromagnetic Field Immunity Test
3V/m (80-1000MHz, 1800MHz,
2600MHz, 3500MHz, 5000MHz)
IEC/EN61000-4-3:2006+A2:2010
Criteria A
Fast Transient and Burst Immunity
DC Port: ±0.5, 2kV
IEC/EN61000-4-4:2012, Criteria A
Surge Immunity
DC Port: ±0.5, 1kV
IEC/EN61000-4-5:2014, Criteria A
Immunity to Conducted Disturbances, Induced by Radio-Frequency Fields
3Vrms (0.15-10MHz)
3-1Vrms (10-30MHz)
1Vrms (30-80MHz)
IEC61000-4-6:2013, Criteria A
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
1A/m 50Hz
IEC61000-4-8:2009
EN61000-4-8:2010
Limitations on the amount of electromagnetic interference allowed from digital and
electronic devices
FCC 47 CFR Part 15 Subpart B
Class B
EMC Filtering Suggestions according to EN55032 (7)
C
1
-Vout
+Vout
-Vin
+Vin
C
3
C
2
+V
out
+V
in
-V
out
-V
in
L1
Component List Class A
MODEL
C1
L1
REC8E-1205S/CTRL/X1
REC8E-2405S/CTRL/X1
REC8E-2415S/CTRL/X1
REC8E-4805S/CTRL/X1
REC8E-4815S/CTRL/X1
10µF, 100V
5.6µH choke
RLS-567
Component List Class B
MODEL
C1
C2, C3
L1
REC8E-1205S/CTRL/X1
REC8E-2405S/CTRL/X1
REC8E-2415S/CTRL/X1
REC8E-4805S/CTRL/X1
REC8E-4815S/CTRL/X1
10µF, 100V
680pF 2kVDC
5.6µH choke
RLS-567
Notes:
Note7: Filter suggestions are valid for indicated part numbers only.
For other part numbers, please contact RECOM for advice.
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
potting
non-conductive plastic, (UL94 V-0)
epoxy, (UL94 V-0)
Dimension (LxWxH)
25.4 x 25.4 x 10.5mm
Weight
17g typ.
continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com