Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC8E-1215S/CTRL/X1 Datasheet(PDF) 4 Page - Recom International Power

Part # REC8E-1215S/CTRL/X1
Description  8 Watt 1??x 1??Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8E-1215S/CTRL/X1 Datasheet(HTML) 4 Page - Recom International Power

  REC8E-1215S/CTRL/X1 Datasheet HTML 1Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 2Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 3Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 4Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 5Page - Recom International Power REC8E-1215S/CTRL/X1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.recom-power.com
REV.: 0/2021
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REC8E
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating (refer to
”Derating Graph”)
-40°C to +75°C
Maximum Case Temperature
+95°C
Temperature Coefficient
±0.05%/K
Thermal Impedance
15K/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
1532 x 103 hours
-40
-20
0
20
40
70
75
60
-30
-10
10
30
50
80 90
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
Audio/video, information and communication technology equipment - Safety requirements
E224736-A6007-UL
UL62368-1:2014
CAN/CSA-C22.2 No. 62368-1:2014
Audio/video, information and communication technology equipment - Safety requirements (CB Scheme)
2003047-3-CB
IEC62368-1:2014 2nd Edition
Audio/video, information and communication technology equipment - Safety requirement
EN62368-1:2014 + A11:2017
Audio/video, information and communication technology equipment - Safety requirements (CB Scheme)
2003047-4-CB
IEC62368-1:2018 3rd Edition
Audio/video, information and communication technology equipment - Safety requirements
EN IEC 62368-1:2020 + A11:2020
RoHS2
RoHS 2011/65/EU + AM2015/863
continued on next page
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, automatic recovery
Over Current Protection (OCP)
120%, hiccup, automatic recovery
Isolation Voltage (5)
I/P to O/P
tested for 1 minute
1.6kVDC
Isolation Resistance
1G
W min.
Isolation Capacitance
2200pF max.
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com