Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 2 Page - Recom International Power

Part # RPL-3.0
Description  Evaluation platform for RPL-3.0 Buck Regulator Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 2 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.recom-power.com
REV.: 0/2020
P-2
Evaluation Module
Specifications (measured @ Ta= 25°C, full load and after warm-up unless otherwise stated)
RPL-3.0-EVM-1
Pin
Name
Description
1
NC
No Connection
2
NC
No Connection
Pin
Name
Description
1
NC
No Connection
2
NC
No Connection
Pin
Name
Description
1
VIN
Positive Input Voltage (observe correct polarity!)
2
GND
Common GND
Pin
Name
Description
1
VOUT
Positive Output Voltage
2
GND
Common GND
Pin
Name
Description
1
VIN
Positive Input Voltage
2
GND
Negative Input Voltage (GND)
3
GND
Negative Output Voltage (GND)
4
VOUT
Positive Output Voltage
5,6
SENSE
Output Voltage Sense Pin (leave open if not used)
7
TRIM
TRIM Pad (leave open if not used)
8
GND
Negative Input Voltage (GND)
9
CTRL
CTRL Pad (leave open if not used)
10
VIN
Positive Input Voltage
11
PGOOD Power Good Signal
Connector Description
P3
P4
Pads Direct Connection
Component Placement
RPL-3.0-EVM-1
1
2
3
4
5
11
10
9
8
7
6
FOR EVALUATION ONLY
www.recom-power.com/eval-ref-boards
VOUT SELECT
SENSE
4V to 18V
3A max.
1
1
2
2
1
1
2
2
VIN
PGOOD
CTRL GND TRIM SENSE
R2
L1
L2
L3
L5
L6
L7
L4
C1 C2
C3 C4 C5 C6
C7
C8 C9 C10
C11
P4
P3
U1
P1
P2
C13
R8
R4
C12
R6
R5
R17
R16
P1 (Not Mounted)
P2 (Not Mounted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com