Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 3 Page - Recom International Power

Part # RPL-3.0
Description  Evaluation platform for RPL-3.0 Buck Regulator Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 3 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-power.com
REV.: 0/2020
P-3
Evaluation Module
Specifications (measured @ Ta= 25°C, full load and after warm-up unless otherwise stated)
RPL-3.0-EVM-1
C1
1206
C2
1206
C3
0603
C13
0603
C4
1206
C5
1206
C6
1206
C7
1210
C8
1210
C12
0603
C9
1206
C10
1206
C11
1206
L3 1812
L7 0805
L6 1206
L5 2220
L4 0805
L1 2220
L2 1206
R2
0603
R1
0603
R6
0603
R3
0603
R9
0603
R10
0603
R11
0603
R4
0603
R7
0603
R8
0603
R5
0603
U1
RPL-3.0
VIN
VOUT
+Sense
+Sense
FB
CTRL
VOUT
SENSE
TRIM
5V
3.3V
1.8V
VOUT Select
VIN
VCC
PG
PG
PGND AGND
10
1
2
1
2
P3
3,4
5
6
7
8
9
1
2
P4
Schematic
Description
U1: RPL-3.0 power module.
C1,C2,L1,L2,L3,L4,C3,C4,C5,C6: allow placement of various sized components to test input filter design. The populated filter is designed to
meet EN55022 class A. Note: Connect a 220uF across the input for damping the LISN.
C7,C8,C9,C10,L5,L6,L7,C11: allow placement of various sized components to test output filter design. The populated filter is designed to meet
EN55022 class A. Note: Connect a 220uF across the input for damping the LISN.
R2 and R5: configure CTRL. R2 is populated to enable the RPL-3.0. Short R5 in order to disable the RPL-3.0.
R1: populated zero ohm resistor for direct output voltage measurement. If sense is desired at a different location, for example after the filter or
directly at the load, unsolder R1, and connect sense to the new measurement point.
R3: sense point for output voltage after the filter. To set sense point here, remove R1 and solder a zero ohm resistor at R3.
VOUT Selection: the output voltage can be selected with values of 1.8V, 3.3V, and 5V by shorting a zero ohm resistor to the respective places
as seen in the board silkscreen.
R16, R17: trim the output voltage. Refer to “OUTPUT VOLTAGE TRIMMING”
Notes:
Note2: Gray colored components are not mounted



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com